Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39J84IAAVR Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 72 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 68Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 69Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 70Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 71Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 72Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 73Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 74Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 75Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 146 page
background image
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
7.5.1.8 config7 Register – Address: 0x07, Default: 0x0000
Figure 89. config7 Register Format
15
14
13
12
11
10
9
8
memin_ tempdata
7
6
5
4
3
2
1
0
reserved
memin_lane_ skew
Table 38. config7 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config7 No
0x7
15:8
memin_ tempdata
This is the output from the chip temperature sensor. NOTE: when reading
0x00
RESET
these bits the SIF interface must be extremely slow, 1MHz range.
Value
7:5
reserved
Reserved
000
4:0
memin_lane_ skew
Measure of the lane skew for link0 only. Updated when the RBD is
0000
released and measured in terms of JESD clock.
NOTE: these bits are READ_ONLY
7.5.1.9 config8 Register – Address: 0x08, Default: 0x0000
Figure 90. config8 Register Format
15
14
13
12
11
10
9
8
reserved
reserved
reserved
qmc_offseta
7
6
5
4
3
2
1
0
qmc_offseta
Table 39. config8 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config8
0x8
15
reserved
Reserved
0
AUTO
14
reserved
Reserved
0
SYNC
13
reserved
Reserved
0
12:0
qmc_offseta
The DAC A offset correction. The offset is measured in DAC LSBs.
0x0000
NOTE: Writing this register causes an auto-sync to be generated in
the QMC OFFSET block.
7.5.1.10 config9 Register – Address: 0x09, Default: 0x0000
Figure 91. config9 Register Format
15
14
13
12
11
10
9
8
reserved
reserved
reserved
qmc_offsetb
7
6
5
4
3
2
1
0
qmc_offsetb
Table 40. config9 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config9
0x9
15:13
reserved
Reserved
000
12:0
qmc_offsetb
The DAC B offset correction. The offset is measured in DAC LSBs.
0x0000
72
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com