Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39J84IAAVR Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 71 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 67Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 68Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 69Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 70Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 71Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 72Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 73Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 74Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 146 page
background image
DAC39J84
www.ti.com
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
7.5.1.6 config5 Register – Address: 0x05, Default: 0xFFFF
Figure 87. config5 Register Format
15
14
13
12
11
10
9
8
alarms_mask(31:24)
7
6
5
4
3
2
1
0
alarms_mask(23:16)
Table 36. config5 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config5
0x5
15:0
alarms_mask(31:16)
Each bit is used to mask an alarm. Assertion masks the alarm:
0xFFFF
bit15 = always set to "1"
bit14 = always set to "1"
bit13 = mask SYSREF errors on link1
bit12 = mask SYSREF errors on link0
bit11 = mask alarm from PAP A block
bit10 = mask alarm from PAP B block
bit9 = mask alarm from PAP C block
bit8 = mask alarm from PAP D block
bit7 = reserved
bit6 = reserved
bit5 = reserved
bit4 = reserved
bit3 = mask alarm from SerDes block 0 PLL lock
bit2 = mask alarm from SerDes block 1 PLL lock
bit1 = always set to "1"
bit0 = mask DAC PLL lock alarm
7.5.1.7 config6 Register – Address: 0x06, Default: 0xFFFF
Figure 88. config6 Register Format
15
14
13
12
11
10
9
8
alarms_mask(47:40)
7
6
5
4
3
2
1
0
alarms_mask(39:32)
Table 37. config6 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config6
0x6
15:0
alarms_mask(47:32)
Each bit is used to mask an alarm. Assertion masks the alarm:
0xFFFF
bit15 = mask alarm from lane7 short test
bit14 = mask alarm from lane6 short test
bit13 = mask alarm from lane5 short test
bit12 = mask alarm from lane4 short test
bit11 = mask alarm from lane3 short test
bit10 = mask alarm from lane2 short test
bit9 = mask alarm from lane1 short test
bit8 = mask alarm from lane0 short test
bit7 = mask alarm from lane7 loss of signal detect
bit6 = mask alarm from lane6 loss of signal detect
bit5 = mask alarm from lane5 loss of signal detect
bit4 = mask alarm from lane4 loss of signal detect
bit3 = mask alarm from lane3 loss of signal detect
bit2 = mask alarm from lane2 loss of signal detect
bit1 = mask alarm from lane1 loss of signal detect
bit0 = mask alarm from lane0 loss of signal detect
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com