Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39J84IAAVR Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 76 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 72Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 73Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 74Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 75Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 76Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 77Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 78Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 79Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 146 page
background image
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
7.5.1.18 config17 Register – Address: 0x11, Default: 0x0000
Figure 99. config17 Register Format
15
14
13
12
11
10
9
8
reserved
reserved
reserved
reserved
qmc_phasecd
7
6
5
4
3
2
1
0
qmc_phasecd
Table 48. config17 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config17
0x11
15
reserved
Reserved
0
AUTO
14
reserved
Reserved
0
SYNC
13
reserved
Reserved
0
12
reserved
Reserved
0
11:0
qmc_phasecd
The QMC correction phase term for the DACAD path. The range is –0.5 to
0x000
0.49975. Programming “100000000000” = –0.5. Programming
“011111111111” = 0.49975.
7.5.1.19 config18 Register – Address: 0x12, Default: 0x0000
Figure 100. config18 Register Format
15
14
13
12
11
10
9
8
phaseoffsetab
7
6
5
4
3
2
1
0
phaseoffsetab
Table 49. config18 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config18
0x12
15:0
phaseoffsetab
Phase offset for NCO in DACAB path
0x0000
AUTO
SYNC
7.5.1.20 config19 Register – Address: 0x13, Default: 0x0000
Figure 101. config19 Register Format
15
14
13
12
11
10
9
8
phaseoffsetcd
7
6
5
4
3
2
1
0
phaseoffsetcd
Table 50. config19 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config19
0x13
15:0
phaseoffsetcd
Phase offset for NCO in DACAB path
0x0000
AUTO
SYNC
76
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com