Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39J84IAAVR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 46 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 42Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 43Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 44Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 45Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 46Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 47Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 48Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 49Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 146 page
background image
Small
Fractional
Delay FIR
Large
Fractional
Delay FIR
Ain
Matched
Delay Line
Large
Fractional
Delay FIR
Bin
Bout
mem_sfrac_sel_ab
mem_sfrac_sel_ab
mem_lfrac_sel_ab
mem_lfrac_sel_ab
mem_lfrac_ena_ab
mem_sfrac_ena_ab
Small
Fractional
Delay FIR
Large
Fractional
Delay FIR
Cin
Cout
Matched
Delay Line
Large
Fractional
Delay FIR
Din
Dout
mem_sfrac_sel_ab
mem_sfrac_sel_ab
mem_lfrac_sel_ab
mem_lfrac_sel_ab
mem_lfrac_ena_ab
mem_sfrac_ena_ab
Aout
Integer
Delay
mem_output_delayab
mem_output_delaycd
Integer
Delay
Integer
Delay
Integer
Delay
mem_output_delaycd
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
Figure 73. Diagram of Group Delay Correction
7.3.16.1 Fine Fractional Delay FIR Filter
The coefficients of the FIR filters for small fractional delay are programmable to user defined values which allows
users to implement their own filter transfer functions. Filter designs supporting group delay variation in the range
[0.002 0.198]×Tdac, where T is the time period of DAC Clock, is listed in Table 16. The bit widths of all
coefficients are fixed, which puts limits on the range of values each coefficient can acquire.
Table 15. Small Fractional Delay FIR Coefficient Range
COEFFICIENT
RANGE
C0
[–2,1]
C1
[–16,15]
C2
[–128,127]
C3
[–512,511]
C4
[–262144,262143]
46
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com