Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39J84IAAVR Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 96 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 92Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 93Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 94Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 95Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 96Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 97Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 98Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 99Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 146 page
background image
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
7.5.1.60 config59 Register – Address: 0x3B, Default: 0x0000
Figure 141. config59 Register Format
15
14
13
12
11
10
9
8
serdes_ clk_sel
serdes_ refclk_div
reserved
7
6
5
4
3
2
1
0
reserved
reserved
Table 90. config59 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config59
0x3B
15
serdes_ clk_sel
Select either the DAC PLL output or the DACCLK from the pins to be
0
the SerDes PLL reference divider input clock.
14:11
serdes_
The divide amount for the serdes PLL reference clock divider. The
0000
refclk_div
divider amount is serdes_refclk_div plus one.
10:2
reserved
Reserved
000000000
1:0
reserved
Reserved
00
7.5.1.61 config60 Register – Address: 0x3C, Default: 0x0000
Figure 142. config60 Register Format
15
14
13
12
11
10
9
8
rw_cfgpll
7
6
5
4
3
2
1
0
rw_cfgpll
Table 91. config60 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config60
0x3C
15:0
rw_cfgpll
Control the PLL of the SerDes.
0x0000
Bit15
– ENDIVCLK, enables output of a divide-by-5 of PLL clock.
Bit14:13 – reserved.
Bit12:11 – LB, specify loop bandwidth settings.
Bit10
– SLEEPPLL, puts the PLL into sleep state when high.
Bit9
– VRANGE, select between high and low VCO.
Bit8:1
– MPY, select PLL multiply factor between 4 and 25.
Bit0
– reserved.
96
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com