Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39J84IAAVR Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 65 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 61Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 62Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 63Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 64Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 65Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 66Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 67Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 68Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 146 page
background image
DAC39J84
www.ti.com
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
Table 30. Register Map (continued)
(MSB)
(LSB)
Name
Address
Default
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 15
Bit 0,
config67
0x43
0x0000
reserved
config68
0x44
0x0000
reserved
config69
0x45
0x0000
reserved
config70
0x46
0x0044
lid0(4:0)
lid1(4:0)
lid2(4:0)
reserved
config71
0x47
0x190A
lid3(4:0)
lid4(4:0)
lid5(4:0)
reserved
config72
0x48
0x31C3
lid6(4:0)
lid7(4:0)
reserved
subclassv(2:0)
jesdv
config73
0x49
0x0000
link_assign(15:0)
jesd
config74
0x4A
0x001E
lane_ena(7:0)
jesd_test _seq(1:0)
dual
init_state(3:0)
_reset_n
config75
0x4B
0x0000
reserved
rbd_m1(4:0)
f_m1(7:0)
config76
0x4C
0x0000
reserved
k_m1(4:0)
reserved
reserved
reserved
l_m1(4:0)
config77
0x4D
0x0300
m_m1(7:0)
reserved
s_m1(4:0)
config78
0x4E
0x0F0F
reserved
nprime_m1(4:0)
reserved
hd
scr
n_m1(4:0)
jesd
match
match
no_lane
config79
0x4F
0x1CC1
match_data(7:0)
reserved
_commaalign
_specific
_ctrl
_sync
_ena
config80
0x50
0x0000
adjcnt_link0(3:0)
adjdir_link0
bid_link0(3:0)
cf_link0(4:0)
cs_link0(1:0)
config81
0x51
0x00FF
did_link0(7:0)
sync_request_ena_link0(7:0)
disable
phadj
config82
0x52
0x00FF
reserved
_err_repor
error_ena_link0(7:0)
_link0
t _link0
config83
0x53
0x0000
adjcnt_link1(3:0)
adjdir_link1
bid_link1(3:0)
cf_link1(4:0)
cs_link1(1:0)
config84
0x54
0x00FF
did_link1(7:0)
sync_request_ena_link1(7:0)
disable
_err
phadj
config85
0x55
0x00FF
reserved
error_ena_link1(7:0)
_report
_link1
_link1
config86
0x56
0x0000
reserved
reserved
reserved
reserved
reserved
config87
0x57
0x00FF
reserved
reserved
config88
0x58
0x00FF
reserved
reserved
reserved
reserved
config89
0x59
0x0000
reserved
reserved
reserved
reserved
reserved
config90
0x5A
0x00FF
reserved
reserved
config91
0x5B
0x00FF
reserved
reserved
reserved
reserved
err_cnt
err_cnt
config92
0x5C
0x1111
reserved
reserved
reserved
reserved
sysref_mode_link1(2:0)
sysref_mode_link0(2:0)
_clr_link1
_clr_link0
config93
0x5D
0x0000
reserved
config94
0x5E
0x0000
res1(7:0)
res2(7:0)
config95
0x60
0x0123
reserved
octetpath_sel(0)(2:0)
reserved
octetpath_sel(1)(2:0)
reserved
octetpath_sel(2)(2:0)
reserved
octetpath_sel(3)(2:0)
config96
0x61
0x0456
reserved
octetpath_sel(4)(2:0)
reserved
octetpath_sel(5)(2:0)
reserved
octetpath_sel(6)(2:0)
reserved
octetpath_sel(7)(2:0)
config97
0x62
0x000F
syncn_pol
reserved
syncncd_sel(3:0)
syncnab_sel(3:0)
syncn_sel(3:0)
config98
0x63
0x0000
reserved
reserved
reserved
reserved
config98
0x64
0x0000
reserved
reserved
reserved
reserved
Reserved
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com