Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39J84IAAVR Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 63 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 59Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 60Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 61Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 62Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 63Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 64Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 65Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 66Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 146 page
background image
DAC39J84
www.ti.com
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
Table 30. Register Map
(MSB)
(LSB)
Name
Address
Default
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 15
Bit 0,
alarm_zer
alarm_
qmc_
qmc_
qmc_
qmc _corrab
os
outsum
zeros
alarm_out
alarm
inv_sinc
inv_sinc
config0
0x00
0x0218
offsetab
offsetcd
corrcd
interp(3:0)
pap _ena
_ena
_txenable
_ena
_jesd
_ena
_out_pol
_ab _ena
_cd_ena
_ena
_ena
_ena
_ena
data_ena
daca_
dacb_
dacc_
dacd_
sfrac_
sfrac_
lfrac_
lfrac_
sfrac_
config1
0x01
0x0003
sfrac_ sel_ab
reserved
reserved
complime
complime
complime
complime
reserved
reserved
reserved
reserved
ena_ab
ena_cd
ena_ab
ena_cd
sel_cd
nt
nt
nt
nt
zer _invalid
shorttest
mixer
mixer
config2
0x02
0x2002
dac_bitwidth(1:0)
reserved
reserved
reserved
reserved
sif4 _ena
nco _ena
reserved
reserved
twos
sif_reset
_data
_ena
_ena
_gain
fif _error
_zeros
config3
0x03
0xF380
coarse_dac(3:0)
reserved
reserved
sif _txenable
_data
_ena
config4
0x04
0x00FF
alarms_mask(15:0)
config5
0x05
0xFFFF
alarms_mask(31:16)
config6
0x06
0xFFFF
alarms_mask(47:32)
config7
0x07
0x0000
memin_tempdata(7:0)
reserved
memin_lane_skew(4:0)
config8
0x08
0x0000
reserved
reserved
reserved
qmc_offseta(12:0)
config9
0x09
0x0000
reserved
reserved
reserved
qmc_offsetb(12:0)
config10
0x0A
0x0000
reserved
reserved
reserved
qmc_offsetc(12:0)
config11
0x0B
0x0000
reserved
reserved
reserved
qmc_offsetd(12:0)
config12
0x0C
0x0400
reserved
reserved
reserved
reserved
reserved
qmc_gaina(10:0)
config13
0x0D
0x0400
fs8
fs4
fs2
fsm4
reserved
qmc_gainb(10:0)
config14
0x0E
0x0400
reserved
reserved
reserved
reserved
reserved
qmc_gainc(10:0)
output _delayab
output _delaycd
config15
0x0F
0x0400
reserved
qmc_gaind(10:0)
_reserved(1:0)
_reserved(1:0)
config16
0x10
0x0000
reserved
reserved
reserved
reserved
qmc_phaseab(11:0)
config17
0x11
0x0000
reserved
reserved
reserved
reserved
qmc_phasecd(11:0)
config18
0x12
0x0000
phaseoffsetab(15:0)
config19
0x13
0x0000
phaseoffsetcd(15:0)
config20
0x14
0x0000
phaseaddab(15:0)
config21
0x15
0x0000
phaseaddab(31:16)
config22
0x16
0x0000
phaseaddab(47:32)
config23
0x17
0x0000
phaseaddcd(15:0)
config24
0x18
0x0000
phaseaddcd(31:16)
config25
0x19
0x0000
phaseaddcd(47:32)
vbgr
biasopam
tsense
clkrecv
daca
dacb
dacc
config26
0x1A
0x0020
reserved
reserved
pll _sleep
dacd _sleep
_sleep
p _sleep
_sleep
_sleep
_sleep
_sleep
_sleep
extref
config27
0x1B
0x0000
dtest_lane(2:0)
dtest(3:0)
reserved
reserved
atest(5:0)
_ena
config28
0x1C
0x0000
reserved
reserved
config29
0x1D
0x0000
reserved
reserved
config30
0x1E
0x1111
syncsel_qmoffsetab(3:0)
syncsel_qmoffsetcd(3:0)
syncsel_qmcorrab(3:0)
syncsel_qmcorrcd(3:0)
config31
0x1F
0x1140
syncsel_mixerab(3:0)
syncsel_mixercd(3:0)
syncsel_nco(3:0)
reserved
sif_sync
reserved
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com