Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 102Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 103Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 104Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 105Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 106Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 107Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 108Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 109Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 182 page
background image
PIC16C925/926
DS39544A-page 104
Preliminary
 2001 Microchip Technology Inc.
TABLE 12-6:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Power-on Reset
MCLR Resets
WDT Reset
Wake-up via
WDT or
Interrupt
W
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
N/A
N/A
N/A
TMR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
0000h
0000h
PC + 1(2)
STATUS
0001 1xxx
000q quuu(3)
uuuq quuu(3)
FSR
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
--0x 0000
--0u 0000
--uu uuuu
PORTB
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
--xx xxxx
--uu uuuu
--uu uuuu
PORTD
0000 0000
0000 0000
uuuu uuuu
PORTE
0000 0000
0000 0000
uuuu uuuu
PCLATH
---0 0000
---0 0000
---u uuuu
INTCON
0000 000x
0000 000u
uuuu uuuu(1)
PIR1
00-- 0000
00-- 0000
uu-- uuuu(1)
TMR1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
--00 0000
--uu uuuu
--uu uuuu
TMR2
0000 0000
0000 0000
uuuu uuuu
T2CON
-000 0000
-000 0000
-uuu uuuu
SSPBUF
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPCON
0000 0000
0000 0000
uuuu uuuu
CCPR1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1H
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
--00 0000
--00 0000
--uu uuuu
ADRES
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
0000 00-0
0000 00-0
uuuu uu-u
OPTION_REG
1111 1111
1111 1111
uuuu uuuu
TRISA
--11 1111
--11 1111
--uu uuuu
TRISB
1111 1111
1111 1111
uuuu uuuu
TRISC
--11 1111
--11 1111
--uu uuuu
TRISD
1111 1111
1111 1111
uuuu uuuu
TRISE
1111 1111
1111 1111
uuuu uuuu
PIE1
00-- 0000
00-- 0000
uu-- uuuu
PCON
---- --0-
---- --u-
---- --u-
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ’0’, q = value depends on condition
Note 1: One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector
(0004h).
3: See Table 12-5 for RESET value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com