Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 110 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 110 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 106Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 107Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 108Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 109Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 110Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 111Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 112Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 113Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 182 page
background image
PIC16C925/926
DS39544A-page 108
Preliminary
 2001 Microchip Technology Inc.
FIGURE 12-11:
INT PIN INTERRUPT TIMING
12.5.1
INT INTERRUPT
External interrupt on RB0/INT pin is edge triggered:
either rising if bit INTEDG (OPTION_REG<6>) is set,
or falling, if the INTEDG bit is clear. When a valid edge
appears
on
the
RB0/INT
pin,
flag
bit
INTF
(INTCON<1>) is set. This interrupt can be disabled by
clearing enable bit INTE (INTCON<4>). Flag bit INTF
must be cleared in software in the Interrupt Service
Routine before re-enabling this interrupt. The INT inter-
rupt can wake-up the processor from SLEEP, if bit INTE
was set prior to going into SLEEP. The status of global
interrupt enable bit, GIE, decides whether or not the
processor branches to the interrupt vector following
wake-up. See Section 12.8 for details on SLEEP mode.
12.5.2
TMR0 INTERRUPT
An overflow (FFh
→ 00h) in the TMR0 register will set
flag bit, TMR0IF (INTCON<2>). The interrupt can be
enabled/disabled
by
setting/clearing
enable
bit,
TMR0IE (INTCON<5>) (Section 5.0).
12.5.3
PORTB INTCON CHANGE
An input change on PORTB<7:4> sets flag bit RBIF
(INTCON<0>). The interrupt can be enabled/disabled
by setting/clearing enable bit, RBIE (INTCON<4>)
(Section 4.2).
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
OSC1
CLKOUT
INT pin
INTF Flag
(INTCON<1>)
GIE bit
(INTCON<7>)
INSTRUCTION FLOW
PC
Instruction
Fetched
Instruction
Executed
Interrupt Latency
PC
PC+1
PC+1
0004h
0005h
Inst (0004h)
Inst (0005h)
Dummy Cycle
Inst (PC)
Inst (PC+1)
Inst (PC-1)
Inst (0004h)
Dummy Cycle
Inst (PC)
—
1
4
5
1
2
3
Note
1: INTF flag is sampled here (every Q1).
2: Interrupt latency = 3-4 TCY where TCY = instruction cycle time. Latency is the same whether Inst (PC) is a single
cycle or a 2-cycle instruction.
3: CLKOUT is available only in RC oscillator mode.
4: For minimum width of INT pulse, refer to AC specs.
5: INTF can be set any time during the Q4-Q1 cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com