Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 112 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 112 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 108Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 109Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 110Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 111Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 112Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 113Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 114Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 115Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 182 page
background image
PIC16C925/926
DS39544A-page 110
Preliminary
 2001 Microchip Technology Inc.
12.7
Watchdog Timer (WDT)
The Watchdog Timer is a free running on-chip RC oscil-
lator, which does not require any external components.
This RC oscillator is separate from the RC oscillator of
the OSC1/CLKIN pin. That means that the WDT will
run, even if the clock on the OSC1/CLKIN and
OSC2/CLKOUT pins of the device has been stopped,
for example, by execution of a SLEEP instruction. Dur-
ing normal operation, a WDT time-out generates a
device RESET (Watchdog Timer Reset). If the device is
in SLEEP mode, a WDT time-out causes the device to
wake-up and continue with normal operation (Watch-
dog Timer Wake-up). The WDT can be permanently
disabled
by
clearing
configuration
bit
WDTE
(Section 12.1).
12.7.1
WDT PERIOD
The WDT has a nominal time-out period of 18 ms (with
no prescaler). The time-out periods vary with tempera-
ture, VDD and process variations from part to part (see
DC specs). If longer time-out periods are desired, a
prescaler with a division ratio of up to 1:128 can be
assigned to the WDT under software control, by writing
to the OPTION register. Thus, time-out periods up to
2.3 seconds can be realized.
The CLRWDT and SLEEP instructions clear the WDT
and the postscaler, if assigned to the WDT, prevent it
from timing out and generating a device RESET
condition.
The TO bit in the STATUS register will be cleared upon
a Watchdog Timer time-out.
12.7.2
WDT PROGRAMMING
CONSIDERATIONS
It should also be taken into account that under worst
case conditions (VDD = Min., Temperature = Max., and
Max. WDT prescaler) it may take several seconds
before a WDT time-out occurs.
FIGURE 12-12:
WATCHDOG TIMER BLOCK DIAGRAM
FIGURE 12-13:
SUMMARY OF WATCHDOG TIMER REGISTERS
Note:
When a CLRWDT instruction is executed
and the prescaler is assigned to the WDT,
the prescaler count will be cleared, but the
prescaler assignment is not changed.
From TMR0 Clock Source
(Figure 5-6)
To TMR0 (Figure 5-6)
Postscaler
WDT Timer
WDT
Enable bit
0
1
M
U
X
PSA
8 - to - 1 MUX
PS2:PS0
0
1
MUX
PSA
WDT
Time-out
Note: PSA and PS2:PS0 are bits in the OPTION register.
8
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
2007h
Config. bits
(1)
BOREN(1)
CP1
CP0
PWRTE(1)
WDTE
FOSC1
FOSC0
81h, 181h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
Legend: Shaded cells are not used by the Watchdog Timer.
Note 1: See Register 12-1 for operation of these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com