Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 114 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 114 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 110Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 111Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 112Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 113Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 114Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 115Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 116Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 117Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 182 page
background image
PIC16C925/926
DS39544A-page 112
Preliminary
 2001 Microchip Technology Inc.
FIGURE 12-14:
WAKE-UP FROM SLEEP THROUGH INTERRUPT
12.9
Program Verification/Code
Protection
If the code protection bit(s) have not been pro-
grammed, the on-chip program memory can be read
out for verification purposes.
12.10 ID Locations
Four memory locations (2000h - 2003h) are designated
as ID locations, where the user can store checksum or
other code identification numbers. These locations are
not accessible during normal execution, but are read-
able and writable during program/verify. It is recom-
mended that only the four Least Significant bits of the
ID location are used.
12.11
In-Circuit Serial Programming
PIC16CXXX microcontrollers can be serially pro-
grammed while in the end application circuit. This is
simply done with two lines for clock and data, and three
other lines for power, ground, and the programming
voltage. This allows customers to manufacture boards
with unprogrammed devices, and then program the
microcontroller just before shipping the product. This
also allows the most recent firmware or a custom firm-
ware to be programmed.
The device is placed into a Program/Verify mode by
holding the RB6 and RB7 pins low, while raising the
MCLR (VPP) pin from VIL to VIHH (see programming
specification). RB6 becomes the programming clock
and RB7 becomes the programming data. Both RB6
and RB7 are Schmitt Trigger inputs in this mode.
After RESET, to place the device into Program/Verify
mode, the program counter (PC) is at location 00h. A
6-bit command is then supplied to the device. Depend-
ing on the command, 14-bits of program data are then
supplied to or from the device, depending if the com-
mand was a load or a read. For complete details of
serial programming, please refer to the PIC16C6X/7X
Programming Specifications (Literature #DS30228).
FIGURE 12-15:
TYPICAL IN-CIRCUIT
SERIAL PROGRAMMING
CONNECTION
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
OSC1
CLKOUT(4)
INT pin
INTF Flag
(INTCON<1>)
GIE bit
(INTCON<7>)
INSTRUCTION FLOW
PC
Instruction
Fetched
Instruction
Executed
PC
PC+1
PC+2
Inst(PC) = SLEEP
Inst(PC - 1)
Inst(PC + 1)
SLEEP
Processor in
SLEEP
Interrupt Latency
(Note 2)
Inst(PC + 2)
Inst(PC + 1)
Inst(0004h)
Inst(0005h)
Inst(0004h)
Dummy cycle
PC + 2
0004h
0005h
Dummy cycle
TOST(2)
PC+2
Note
1:
XT, HS or LP oscillator mode assumed.
2:
TOST = 1024TOSC (drawing not to scale) This delay will not be there for RC osc mode.
3:
GIE = ’1’ assumed. In this case after wake-up, the processor jumps to the interrupt routine.
If GIE = ’0’, execution will continue in-line.
4:
CLKOUT is not available in these osc modes, but shown here for timing reference.
Note:
Microchip does not recommend code pro-
tecting windowed devices.
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC16CXXX
VDD
VSS
MCLR/VPP
RB6
RB7
+5V
0V
VPP
CLK
Data I/O
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com