Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 120Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 121Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 122Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 123Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 124Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 125Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 126Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 127Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 182 page
background image
PIC16C925/926
DS39544A-page 122
Preliminary
 2001 Microchip Technology Inc.
GOTO
Unconditional Branch
Syntax:
[ label ]
GOTO k
Operands:
0
≤ k ≤ 2047
Operation:
k
→ PC<10:0>
PCLATH<4:3>
→ PC<12:11>
Status Affected:
None
Encoding:
10
1kkk
kkkk
kkkk
Description:
GOTO
is an unconditional branch. The
eleven-bit immediate value is loaded
into PC bits <10:0>. The upper bits of
PC are loaded from PCLATH<4:3>.
GOTO
is a two-cycle instruction.
Words:
1
Cycles:
2
Q Cycle Activity:
Q1
Q2
Q3
Q4
1st Cycle
Decode
Read
literal ’k’
Process
data
Write to
PC
2nd Cycle
No
Operation
No
Operation
No
Operation
No
Operation
Example
GOTO THERE
After Instruction:
PC =
Address THERE
INCF
Increment f
Syntax:
[ label ]
INCF f [,d]
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) + 1
→ (destination)
Status Affected:
Z
Encoding:
00
1010
dfff
ffff
Description:
The contents of register ’f’ are incre-
mented. If ’d’ is 0, the result is placed
in the W register. If ’d’ is 1, the result
is placed back in register ’f’.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register
’f’
Process
data
Write to
destination
Example
INCF
CNT,
1
Before Instruction:
CNT
=
0xFF
Z=
0
After Instruction:
CNT
=
0x00
Z=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com