Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 122Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 123Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 124Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 125Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 126Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 127Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 128Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 129Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 182 page
background image
PIC16C925/926
DS39544A-page 124
Preliminary
 2001 Microchip Technology Inc.
IORWF
Inclusive OR W with f
Syntax:
[ label ]
IORWF
f [,d]
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(W).OR. (f)
→ (destination)
Status Affected:
Z
Encoding:
00
0100
dfff
ffff
Description:
Inclusive OR the W register with reg-
ister ’f’. If ’d’ is 0, the result is placed
in the W register. If ’d’ is 1, the result
is placed back in register ’f’.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register
’f’
Process
data
Write to
destination
Example
IORWF
RESULT, 0
Before Instruction:
RESULT
=
0x13
W=
0x91
After Instruction:
RESULT
=
0x13
W=
0x93
Z=
0
MOVF
Move f
Syntax:
[ label ]
MOVF f [,d]
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f)
→ (destination)
Status Affected:
Z
Encoding:
00
1000
dfff
ffff
Description:
The contents of register f are moved
to a destination dependant upon the
status of d. If d = 0, the destination is
W register. If d = 1, the destination is
file register f itself. d = 1 is useful to
test a file register, since status flag Z
is affected.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register
’f’
Process
data
Write to
destination
Example
MOVF
FSR,
0
After Instruction:
W
=
value in FSR register
Z=
1 if W = 0
MOVLW
Move Literal to W
Syntax:
[ label ]
MOVLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (W)
Status Affected:
None
Encoding:
11
00xx
kkkk
kkkk
Description:
The eight-bit literal ’k’ is loaded into
W register. The don’t cares will
assemble as 0’s.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal ’k’
Process
data
Write to
W
Example
MOVLW
0x5A
After Instruction:
W
=
0x5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com