Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 130 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 130 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 126Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 127Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 128Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 129Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 130Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 131Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 132Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 133Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 182 page
background image
PIC16C925/926
DS39544A-page 128
Preliminary
 2001 Microchip Technology Inc.
RRF
Rotate Right f through Carry
Syntax:
[ label ]
RRF f [,d]
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Encoding:
00
1100
dfff
ffff
Description:
The contents of register ’f’ are rotated
one bit to the right through the Carry
Flag. If ’d’ is 0, the result is placed in
the W register. If ’d’ is 1, the result is
placed back in register ’f’.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register
’f’
Process
data
Write to
destination
Example
RRF
REG1,0
Before Instruction:
REG1
=
1110 0110
C=
0
After Instruction:
REG1
=
1110 0110
W=
0111 0011
C=
0
Register f
C
SLEEP
Syntax:
[ label ] SLEEP
Operands:
None
Operation:
00h
→ WDT,
0
→ WDT prescaler,
1
→ TO,
0
→ PD
Status Affected:
TO, PD
Encoding:
00
0000
0110
0011
Description:
The power-down status bit, PD is
cleared. Time-out status bit, TO is
set. Watchdog Timer and its
prescaler are cleared.
The processor is put into SLEEP
mode with the oscillator stopped.
See Section 12.8 for more details.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
No
Operation
No
Operation
Go to
Sleep
Example:
SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com