Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 132 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 132 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 128Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 129Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 130Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 131Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 132Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 133Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 134Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 135Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 182 page
background image
PIC16C925/926
DS39544A-page 130
Preliminary
 2001 Microchip Technology Inc.
SWAPF
Swap Nibbles in f
Syntax:
[ label ] SWAPF f [,d]
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f<3:0>)
→ (destination<7:4>),
(f<7:4>)
→ (destination<3:0>)
Status Affected:
None
Encoding:
00
1110
dfff
ffff
Description:
The upper and lower nibbles of reg-
ister ’f’ are exchanged. If ’d’ is 0, the
result is placed in W register. If ’d’ is
1, the result is placed in register ’f’.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
data
Write to
destination
Example
SWAPF
REG,
0
Before Instruction:
REG1
=
0xA5
After Instruction:
REG1
=
0xA5
W=
0x5A
TRIS
Load TRIS Register
Syntax:
[ label ] TRIS
f
Operands:
5
≤ f ≤ 7
Operation:
(W)
→ TRIS register f;
Status Affected:
None
Encoding:
00
0000
0110
0fff
Description:
The instruction is supported for
code compatibility with the
PIC16C5X products. Since TRIS
registers are readable and writ-
able, the user can directly address
them.
Words:
1
Cycles:
1
Example
To maintain upward compatibil-
ity with future PIC16CXXX
products, do not use this
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com