Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 146 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 146 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 142Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 143Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 144Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 145Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 146Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 147Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 148Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 149Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 182 page
background image
PIC16C925/926
DS39544A-page 144
Preliminary
 2001 Microchip Technology Inc.
15.2
DC Characteristics: PIC16C925/926 (Commercial, Industrial)
PIC16LC925/926 (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
0°C
≤ TA ≤ +70°C for commercial
Operating voltage VDD range as described in DC spec
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Input Low Voltage
VIL
I/O ports
D030
with TTL buffer
VSS
— 0.15VDD
V
For entire VDD range
Vss
—
0.8V
V
4.5V
≤ VDD ≤ 5.5V
D031
with Schmitt Trigger buffer
VSS
—
0.2VDD
V
D032
MCLR, OSC1 (in RC mode)
VSS
—
0.2VDD
V
D033
OSC1 (in XT, HS and LP)
VSS
—
0.3VDD
V
(Note 1)
Input High Voltage
VIH
I/O ports
—
D040
with TTL buffer
2.0
—
VDD
V4.5V
≤ VDD ≤ 5.5V
D040A
0.25VDD
+ 0.8V
—
VDD
V
For entire VDD range
D041
with Schmitt Trigger buffer
0.8VDD
—
VDD
V
D042
MCLR
0.8VDD
—
VDD
V
D042A
OSC1 (XT, HS and LP)
0.7VDD
—
VDD
V
(Note 1)
D043
OSC1 (in RC mode)
0.9VDD
—
VDD
V
D070
IPURB PORTB Weak Pull-up Current
50
250
400
µAVDD = 5V, VPIN = VSS
Input Leakage Current
(Notes 2, 3)
D060
IIL
I/O ports
——
±1.0
µA Vss ≤ VPIN ≤ VDD, Pin at hi-Z
D061
MCLR, RA4/T0CKI
——
±5
µA Vss ≤ VPIN ≤ VDD
D063
OSC1
——
±5
µA Vss ≤ VPIN ≤ VDD, XT, HS and LP
osc configuration
Output Low Voltage
D080
VOL I/O ports
——
0.6
V
IOL = 4.0 mA, VDD = 4.5V
D083
OSC2/CLKOUT (RC osc mode)
——
0.6
V
IOL = 1.6 mA, VDD = 4.5V
D090
VOH
Output High Voltage
I/O ports (Note 3)
VDD - 0.7 ——
VIOH = -3.0 mA, VDD = 4.5V
D092
OSC2/CLKOUT (RC osc mode)
VDD - 0.7 ——
VIOH = -1.3 mA, VDD = 4.5V
Capacitive Loading Specs on
Output Pins
D100
COSC2 OSC2 pin
——
15
pF
In XT, HS and LP modes when
external clock is used to drive
OSC1.
D101
D102
CIO
CB
All I/O pins and OSC2 (in RC)
SCL, SDA in I2C mode
—
—
—
—
50
400
pF
pF
D150
VDD Open Drain High Voltage
——
8.5
V
RA4 pin
†
Data in “Typ” column is at 5 V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16C925/926 be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com