Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 149 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 149 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 145Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 146Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 147Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 148Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 149Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 150Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 151Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 152Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 147
PIC16C925/926
15.4
Timing Diagrams and Specifications
FIGURE 15-5:
EXTERNAL CLOCK TIMING
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4
TABLE 15-3:
EXTERNAL CLOCK TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
FOSC
External CLKIN Frequency
(Note 1)
DC
—
4
MHz XT and RC osc mode
DC
—
20
MHz HS osc mode
DC
—
200
kHz
LP osc mode
Oscillator Frequency
(Note 1)
DC
—
4
MHz RC osc mode
0.1
—
4MHz XT osc mode
4
—
20
MHz HS osc mode
5
—
200
kHz
LP osc mode
1TOSC
External CLKIN Period
(Note 1)
250
——
ns
XT and RC osc mode
125
——
ns
HS osc mode
5
——
µs
LP osc mode
Oscillator Period
(Note 1)
250
——
ns
RC osc mode
250
—
10,000
ns
XT osc mode
125
—
250
ns
HS osc mode
5
——
µs
LP osc mode
2TCY
Instruction Cycle Time (Note 1)
500
—
DC
ns
TCY = 4/FOSC
3
TosL,
TosH
External Clock in (OSC1) High or
Low Time
50
——
ns
XT oscillator
2.5
——
µs
LP oscillator
10
——
ns
HS oscillator
4TosR,
TosF
External Clock in (OSC1) Rise or
Fall Time
—
—
25
ns
XT oscillator
—
—
50
ns
LP oscillator
——
15
ns
HS oscillator
†
Data in “Typ” column is at 5 V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with
the device executing code. Exceeding these specified limits may result in an unstable oscillator operation
and/or higher than expected current consumption. All devices are tested to operate at “min.” values with an
external clock applied to the OSC1/CLKIN pin.
When an external clock input is used, the “Max.” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com