Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925T-S/PT Datasheet(PDF) 152 Page - Microchip Technology

Part # PIC16C925T-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/PT Datasheet(HTML) 152 Page - Microchip Technology

Back Button PIC16C925T-S/PT Datasheet HTML 148Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 149Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 150Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 151Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 152Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 153Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 154Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 155Page - Microchip Technology PIC16C925T-S/PT Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 182 page
background image
PIC16C925/926
DS39544A-page 150
Preliminary
 2001 Microchip Technology Inc.
FIGURE 15-8:
TIMER0 AND TIMER1 EXTERNAL CLOCK TIMINGS
TABLE 15-6:
TIMER0 AND TIMER1 EXTERNAL CLOCK REQUIREMENTS
46
47
45
48
41
42
40
RA4/T0CKI
RC0/T1OSO/T1CKI
TMR0 or
TMR1
Note:
Refer to Figure 15-4 for load conditions.
Param
No.
Symbol
Characteristic
Min
Typ† Max Units
Conditions
40
Tt0H
T0CKI High Pulse Width
No Prescaler
0.5TCY + 20
——
ns
Must also meet
parameter 42
With Prescaler
10
——
ns
41
Tt0L
T0CKI Low Pulse Width
No Prescaler
0.5TCY + 20
——
ns
Must also meet
parameter 42
With Prescaler
10
——
ns
42
Tt0P
T0CKI Period
No Prescaler
TCY + 40
——
ns
With Prescaler
Greater of:
20 or TCY + 40
N
——
ns
N = prescale value
(2, 4,..., 256)
45
Tt1H
T1CKI High
Time
Synchronous, Prescaler = 1
0.5TCY + 20
——
ns
Must also meet
parameter 47
Synchronous,
Prescaler =
2,4,8
PIC16C925/926
15
——
ns
PIC16LC925/926
25
——
ns
Asynchronous
PIC16C925/926
30
——
ns
PIC16LC925/926
50
——
ns
46
Tt1L
T1CKI Low
Time
Synchronous, Prescaler = 1
0.5TCY + 20
——
ns
Must also meet
parameter 47
Synchronous,
Prescaler =
2,4,8
PIC16C925/926
15
——
ns
PIC16LC925/926
25
——
ns
Asynchronous
PIC16C925/926
30
——
ns
PIC16LC925/926
50
——
ns
47
Tt1P
T1CKI Input
Period
Synchronous
PIC16C925/926
Greater of:
30 or TCY + 40
N
——
ns
N = prescale value
(1, 2, 4, 8)
PIC16LC925/926
Greater of:
50 or TCY + 40
N
N = prescale value
(1, 2, 4, 8)
Asynchronous
PIC16C925/926
60
——
ns
PIC16LC925/926
100
——
ns
Ft1
Timer1 oscillator input frequency range
(oscillator enabled by setting bit T1OSCEN)
DC
—
200
kHz
48
TCKEZtmr1
Delay from external clock edge to timer increment
2Tosc
—
7Tosc
—
† Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com