Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K72E5 Datasheet(PDF) 64 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 60Page - STMicroelectronics SPC574K72E5 Datasheet HTML 61Page - STMicroelectronics SPC574K72E5 Datasheet HTML 62Page - STMicroelectronics SPC574K72E5 Datasheet HTML 63Page - STMicroelectronics SPC574K72E5 Datasheet HTML 64Page - STMicroelectronics SPC574K72E5 Datasheet HTML 65Page - STMicroelectronics SPC574K72E5 Datasheet HTML 66Page - STMicroelectronics SPC574K72E5 Datasheet HTML 67Page - STMicroelectronics SPC574K72E5 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 127 page
background image
Electrical characteristics
SPC574Kxx
64/127
DocID023601 Rev 5
3.13
LVDS Fast Asynchronous Serial Transmission (LFAST) pad
electrical characteristics
The LFAST pad electrical characteristics apply to both the SIPI and high-speed debug serial
interfaces on the device. The same LVDS pad is used for the Microsecond Channel (MSC)
and DSPI LVDS interfaces, with different characteristics given in the following tables.
3.13.1
LFAST interface timing diagrams
Figure 15. LFAST and MSC/DSPI LVDS timing definition
Signal excursions above this level NOT allowed
Max. common mode input at RX
Signal excursions below this level NOT allowed
Min. common mode input at RX
Data Bit Period
Minimum Data Bit Time
Opening =
0.55 * T (LFAST)
0.50 * T (MSC/DSPI)
Max Differential Voltage = 285
mV p-p (LFAST)
400 mV p-p (MSC/DSPI)
Min Differential Voltage =
100 mV p-p (LFAST)
150 mV p-p (MSC/DSPI)
1743 mV
1600 mV
VOS = 1.2 V +/- 10%
TX common mode
VICOM
150 mV
0 V
1743 mV
“No-Go” Area
T = 1 /FDATA

VOD

VOD
PER
EYE
PER
EYE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com