Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K72E5 Datasheet(PDF) 36 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 32Page - STMicroelectronics SPC574K72E5 Datasheet HTML 33Page - STMicroelectronics SPC574K72E5 Datasheet HTML 34Page - STMicroelectronics SPC574K72E5 Datasheet HTML 35Page - STMicroelectronics SPC574K72E5 Datasheet HTML 36Page - STMicroelectronics SPC574K72E5 Datasheet HTML 37Page - STMicroelectronics SPC574K72E5 Datasheet HTML 38Page - STMicroelectronics SPC574K72E5 Datasheet HTML 39Page - STMicroelectronics SPC574K72E5 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 127 page
background image
Electrical characteristics
SPC574Kxx
36/127
DocID023601 Rev 5
Table 17 shows the MEDIUM configuration output buffer electrical characteristics.
Table 16. WEAK configuration output buffer electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
ROH_W
CC
P
PMOS output impedance
weak configuration
4.5 V < VDD_HV_IO < 5.5 V
Push pull, IOH < 0.5 mA
—
—
1040
ROL_W
CC
P
NMOS output impedance
weak configuration
4.5 V < VDD_HV_IO < 5.5 V
Push pull, IOL < 0.5 mA
—
—
1040
fMAX_W
CC
T
Output frequency
weak configuration
CL = 25 pF
(3)
——
2
MHz
CL = 50 pF
(3)
——
1
DCL = 200 pF
(3)
——
0.25
tTR_W
CC
T
Transition time output pin
weak configuration(4)
CL = 25 pF,
4.5 V < VDD_HV_IO < 5.5 V
40
—
120
ns
CL = 50 pF, 
4.5 V < VDD_HV_IO < 5.5 V
80
—
240
DCL = 200 pF, 
4.5 V < VDD_HV_IO < 5.5 V
320
—
820
CL = 25 pF,
3.0 V < VDD_HV_IO < 3.6 V
(5)
50
—
150
CL = 50 pF, 
3.0 V < VDD_HV_IO < 3.6 V
(5)
100
—
300
CL = 200 pF, 
3.0 V < VDD_HV_IO < 3.6 V
(5)
350
—
1050
t
SKEW_W
CC
T
Difference between rise
and fall time
——
—
25
%
IDCMAX_W CC
D
Maximum DC current
—
—
—
4
mA
TPHL/PLH
CC
D
Propagation delay
CL = 25 pF,
4.5 V < VDD_HV_IO < 5.9 V
——
120
ns
CL = 25 pF,
3.0 V < VDD_HV_IO < 3.6 V
——
150
CL = 50 pF, 
4.5 V < VDD_HV_IO < 5.9 V
——
240
CL = 50 pF, 
3.0 V < VDD_HV_IO < 3.6 V
(5)
——
300
1.
All VDD_HV_IO conditions for 4.5V to 5.5V are valid for VSIO[VSIO_xx] = 1, and all specifications for 3.0V to 3.6V are valid
for VSIO[VSIO_xx] = 0
2.
All values need to be confirmed during device validation.
3.
CL is the sum of external capacitance. Device and package capacitances (CIN, defined in Table 14) are to be added to
calculate total signal capacitance (CTOT = CL + CIN).
4.
Transition time maximum value is approximated by the following formula:
0 pF < CL < 50 pFtTR_W(ns) = 22 ns + CL(pF) 4.4 ns/pF
50 pF < CL < 200 pFtTR_W(ns) = 50 ns + CL(pF) 3.85 ns/pF
5.
Only for VDD_HV_IO_JTAG segment when VSIO[VSIO_IJ] = 0 or VDD_HV_IO_FLEX segment when VSIO[VSIO_IF] = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com