Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K72E5 Datasheet(PDF) 97 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 93Page - STMicroelectronics SPC574K72E5 Datasheet HTML 94Page - STMicroelectronics SPC574K72E5 Datasheet HTML 95Page - STMicroelectronics SPC574K72E5 Datasheet HTML 96Page - STMicroelectronics SPC574K72E5 Datasheet HTML 97Page - STMicroelectronics SPC574K72E5 Datasheet HTML 98Page - STMicroelectronics SPC574K72E5 Datasheet HTML 99Page - STMicroelectronics SPC574K72E5 Datasheet HTML 100Page - STMicroelectronics SPC574K72E5 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 127 page
background image
DocID023601 Rev 5
97/127
SPC574Kxx
Electrical characteristics
126
8tHI
CC
D
SIN Hold Time
SIN hold time
from SCK
CPHA = 0(6)
SCK drive strength
LVDS
0 pF differential
–
1 + (P(7) × tSYS
(3))
—ns
SIN hold time
from SCK
CPHA = 1(6)
SCK drive strength
LVDS
0 pF differential
–1
—
ns
9tSUO
CC
D
SOUT data valid time (after SCK edge)
SOUT data valid
time from SCK
CPHA = 0(8)
SOUT and SCK drive strength
LVDS
15 pF
to 25 pF
differential
—
7.0 + tSYS
(3)
ns
SOUT data valid
time from SCK
CPHA = 1(8)
SOUT and SCK drive strength
LVDS
15 pF
to 25 pF
differential
—7.0
ns
10
tHO
CC
D
SOUT data hold time (after SCK edge)
SOUT data hold
time after SCK
CPHA = 0(8)
SOUT and SCK drive strength
LVDS
15 pF
to 25 pF
differential
–7.5 + tSYS
(3)
—ns
SOUT data hold
time after SCK
CPHA = 1(8)
SOUT and SCK drive strength
LVDS
15 pF
to 25 pF
differential
–7.5
—
ns
1.
All timing values for output signals in this table are measured to 50% of the output voltage.
2.
N is the number of clock cycles added to time between PCS assertion and SCK assertion and is software programmable
using DSPI_CTARx[PSSCK] and DSPI_CTARx[CSSCK]. The minimum value is 2 cycles unless TSB mode or Continuous
SCK clock mode is selected, in which case, N is automatically set to 0 clock cycles (PCS and SCK are driven by the same
edge of DSPI_CLKn).
3.
tSYS is the period of DSPI_CLKn clock, the input clock to the DSPI module. Maximum frequency is 100 MHz (min
tSYS = 10 ns).
4.
M is the number of clock cycles added to time between SCK negation and PCS negation and is software programmable
using DSPI_CTARx[PASC] and DSPI_CTARx[ASC]. The minimum value is 2 cycles unless TSB mode or Continuous SCK
clock mode is selected, in which case, M is automatically set to 0 clock cycles (PCS and SCK are driven by the same edge
of DSPI_CLKn).
5.
tSDC is only valid for even divide ratios. For odd divide ratios the fundamental duty cycle is not 50:50. For these odd divide
ratios cases, the absolute spec number is applied as jitter/uncertainty to the nominal high time and low time.
6.
Input timing assumes an input slew rate of 1 ns (10% – 90%) and LVDS differential voltage = ±100 mV.
7.
P is the number of clock cycles added to delay the DSPI input sample point and is software programmable using
DSPI_MCR[SMPL_PT]. The value must be 0, 1 or 2. If the baud rate divide ratio is /2 or /3, this value is automatically set to
1.
8.
SOUT Data Valid and Data hold are independent of load capacitance if SCK and SOUT load capacitances are the same
value.
Table 50. DSPI LVDS master timing – full duplex – modified transfer format (MTFE = 1), CPHA = 0
or 1(Continued)
#
Symbol
C
Characteristic
Condition
Value(1)
Unit
Pad drive
Load
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com