Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K72E5 Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 66Page - STMicroelectronics SPC574K72E5 Datasheet HTML 67Page - STMicroelectronics SPC574K72E5 Datasheet HTML 68Page - STMicroelectronics SPC574K72E5 Datasheet HTML 69Page - STMicroelectronics SPC574K72E5 Datasheet HTML 70Page - STMicroelectronics SPC574K72E5 Datasheet HTML 71Page - STMicroelectronics SPC574K72E5 Datasheet HTML 72Page - STMicroelectronics SPC574K72E5 Datasheet HTML 73Page - STMicroelectronics SPC574K72E5 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 127 page
background image
Electrical characteristics
SPC574Kxx
70/127
DocID023601 Rev 5
3.15
Power management: PMC, POR/LVD, sequencing
The power management module monitors the different power supplies as well as generating
the required internal supplies. The power management module is supplied by the
VDD_HV_PMC supply, with redundant voltage references and monitors guaranteeing safe
operation.
Cac_tx
SR
D
Transmit Lane External AC Coupling
Capacitance
Values are nominal, valid
for +/– 50% tolerance
250
—
2000
pF
Receiver
FRX
CC
D
Receive Clock Rate
TJ = 150 °C
—
—
1.25 Gbps
V
I_L
SR
T
Differential input voltage (peak to
peak)
—
200
—
1000
mV
RV_L_Rx
CC
D
Differential Terminating resistance
—
81
100
120
W
1.
All Aurora electrical characteristics are valid from –40 °C to 150 °C, except where noted.
2.
All specifications valid for maximum transmit data rate FTX.
3.
The minimum value of 400 mV is only valid for differential terminating resistance (RV_L) = 99 Ohm to 101 ohm. The
differential output voltage swing tracks with the value of RV_L.
4.
Transmission line loss maximum value is specified for the maximum drive level of the Aurora transmit pad.
Table 35. Aurora LVDS electrical characteristics(1)(2)(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com