Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K72E5 Datasheet(PDF) 75 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 71Page - STMicroelectronics SPC574K72E5 Datasheet HTML 72Page - STMicroelectronics SPC574K72E5 Datasheet HTML 73Page - STMicroelectronics SPC574K72E5 Datasheet HTML 74Page - STMicroelectronics SPC574K72E5 Datasheet HTML 75Page - STMicroelectronics SPC574K72E5 Datasheet HTML 76Page - STMicroelectronics SPC574K72E5 Datasheet HTML 77Page - STMicroelectronics SPC574K72E5 Datasheet HTML 78Page - STMicroelectronics SPC574K72E5 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 127 page
background image
DocID023601 Rev 5
75/127
SPC574Kxx
Electrical characteristics
126
3.15.4
Power up/down sequencing
The following table shows the constraints and relationships for the different power supplies.
tVDASSERT
CC
D
Voltage detector threshold
crossing assertion
—0.1
—
2
µs
tVDRELEASE CC
D
Voltage detector threshold
crossing de-assertion
—5
—
20
µs
1.
For VDD_LV levels, a maximum of 30 mV IR drop is incurred from the pin to all sinks on the die. For other LVD, the IR drop
is estimated by multiplying the supply current by 0.5
.
2.
VPORUP_LV and VPORUP_HV threshold are untrimmed values before completion of the power-up sequence. All other
LVD/HVD thresholds are provided after trimming.
3.
Assume all of LVDs on LV supplies disabled.
4.
LV internal supply levels are measured on device internal supply grid after internal voltage drop.
5.
LVD is released after tVDRELEASE temporization when upper threshold is crossed, LVD is asserted tVDASSERT after detection
when lower threshold is crossed.
6.
This is combination of LVD108_C, P, and F. Min is from min value of LVD108_F, and P which is the lowest one. Max is the
max value of LVD108_C which is the highest one of three.
7.
LV external supply levels are measured on the die side of the package bond wire after package voltage drop.
8.
HVD is released after tVDRELEASE temporization when lower threshold is crossed, HVD is asserted tVDASSERT after
detection when upper threshold is crossed. HVD140 does not cause reset.
9.
This supply also needs to be below 5472 mV (untrimmed HVD600 min).
10. Untrimmed LVD300_A will be asserted first on power down.
11. Hysteresis is implemented only between the VDD_HV_IO_MAIN High voltage Supplies and the ADC high voltage supply.
When these two supplies are shorted together, the hysteresis is as is shown in Table 37. If the supplies are not shorted
(VDD_IO_MAIN and ADC high voltage supply), then there will be no hysteresis on the high voltage supplies.
Table 37. Voltage monitor electrical characteristics(1)(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Table 38. Device supply relation during power-up/power-down sequence
Supply 2(1)
VDD_LV
VDD_HV_IO_JTAG/
VDD_HV_IO_FLEX
VDD_HV_IO VDD_HV_ADV VDD_HV_ADR
ALTREFn(2)
VDD_LV
VDD_HV_IO_JTAG/
VDD_HV_IO_FLEX
VDD_HV_IO
VDD_HV_ADV
VDD_HV_ADR
5 mA
ALTREFn
10 mA(3)
10 mA(3)
1.
Red cells: Supply 1 (row) can exceed Supply 2 (column), granted that external circuitry ensures current flowing from
supply1 is less than absolute maximum rating current value provided.
2.
ALTREFn are the alternate references for the ADC that can be used in place of the default reference (VDD_HV_ADR_*). They
are SARB.ALTREF and SAR2.ALTREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com