Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K72E5 Datasheet(PDF) 69 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 65Page - STMicroelectronics SPC574K72E5 Datasheet HTML 66Page - STMicroelectronics SPC574K72E5 Datasheet HTML 67Page - STMicroelectronics SPC574K72E5 Datasheet HTML 68Page - STMicroelectronics SPC574K72E5 Datasheet HTML 69Page - STMicroelectronics SPC574K72E5 Datasheet HTML 70Page - STMicroelectronics SPC574K72E5 Datasheet HTML 71Page - STMicroelectronics SPC574K72E5 Datasheet HTML 72Page - STMicroelectronics SPC574K72E5 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 127 page
background image
DocID023601 Rev 5
69/127
SPC574Kxx
Electrical characteristics
126
3.14
Aurora LVDS electrical characteristics
The following table describes the Aurora LVDS electrical characteristics.
Note:
The Aurora interface is AC coupled, so there is no common-mode voltage specification.
PN
CC
D
Integrated phase noise (single side
band)
fRF_REF = 20 MHz
—
—
–58
dBc
DfRF_REF = 10 MHz
—
—
–64
fVCO
CC
D
PLL VCO frequency
—
—
640(2)
—MHz
tLOCK
CC
D
PLL phase lock(3)
——
—
40
µs
PER
REF
SR
T
Input reference clock jitter (peak to
peak)
Single period,
fRF_REF = 10 MHz
——
300
ps
T
Long term,
fRF_REF = 10 MHz
–500
—
500
ps
PER
EYE
CC
T
Output Eye Jitter (peak to peak)(4)
——
—
400
ps
1.
The specifications in this table apply to both the interprocessor bus and debug LFAST interfaces.
2.
The 640 MHz frequency is achieved with a 10 MHz or 20 MHz reference clock. With a 26 MHz reference, the VCO
frequency is 624 MHz. PLL lock with 640 MHz VCO frequency guaranteed by production testing.
3.
The time from the PLL enable bit register write to the start of phase locks is maximum 2 clock cycles of the peripheral
bridge clock that is connected to the PLL on the device.
4.
Measured at the transmitter output across a 100 Ohm termination resistor on a device evaluation board. See Figure 18.
Table 34. LFAST PLL electrical characteristics(1)(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Nominal
Max
Table 35. Aurora LVDS electrical characteristics(1)(2)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Transmitter
FTX
CC
D
Transmit Data Rate
—
—
—
1.25 Gbps
V
OD_LVDS
CC
P
Differential output voltage swing
(terminated)(3)
—
400
600
800
mV
tTR_LVDS
CC
T
Rise/Fall time (10%–90% of swing)
—
60
—
—
ps
RV_L_Tx
SR
D
Differential Terminating resistance
—
81
100
120
W
TLoss
CC
D
Transmission Line Loss due to loading
effects
——
—
6(4)
dB
Transmission line characteristics (PCB track)
LLINE
SR
D
Transmission line length
—
—
—
20
cm
ZLINE
SR
D
Transmission line characteristic
impedance
—45
50
55
W
Cac_clk
SR
D
Clock Receive Pin External AC
Coupling Capacitance
Values are nominal, valid
for +/– 50% tolerance
100
—
270
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com