Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K72E5 Datasheet(PDF) 45 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 41Page - STMicroelectronics SPC574K72E5 Datasheet HTML 42Page - STMicroelectronics SPC574K72E5 Datasheet HTML 43Page - STMicroelectronics SPC574K72E5 Datasheet HTML 44Page - STMicroelectronics SPC574K72E5 Datasheet HTML 45Page - STMicroelectronics SPC574K72E5 Datasheet HTML 46Page - STMicroelectronics SPC574K72E5 Datasheet HTML 47Page - STMicroelectronics SPC574K72E5 Datasheet HTML 48Page - STMicroelectronics SPC574K72E5 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 127 page
background image
DocID023601 Rev 5
45/127
SPC574Kxx
Electrical characteristics
126
Note:
No restrictions exist on reset signal slew rate apart from absolute maximum rating
compliance.
Table 21. Reset electrical characteristics
Symbol
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max
VIH
SR
P
Input high level TTL
(Schmitt trigger)
—
2.0
—
VDD_HV_IO
+0.4
V
VIL
SR
P
Input low level TTL
(Schmitt trigger)
—
–0.4
—
0.8
V
VHYS
CC
C
Input hysteresis TTL
(Schmitt trigger)
—275
—
—
mV
VDD_POR CC
D
Minimum supply for strong
pull-down activation
——
—
1.2
V
IOL_R
CC
P
Strong pull-down current(2)
Device under power-on
reset
VDD_HV_IO = VDD_POR,
VOL = 0.35 * VDD_HV_IO
0.2
—
—
mA
C
Device under power-on
reset
3.0 V < VDD_HV_IO < 5.5 V,
VOL > 0.9 V
8—
—
mA
|IWPU|
CC
P
Weak pull-up current absolute
value
ESR0 pin
VIN = 0.69 * VDD_HV_IO
23
—
65
µA
C
ESR0 pin
VIN = 0.49 * VDD_HV_IO
——
82
|IWPD|
CC
P
Weak pull-down current
absolute value
PORST pin
VIN = 0.69 * VDD_HV_IO
50
—
130
µA
CPORST pin
VIN = 0.49 * VDD_HV_IO
40
—
—
WFRST
SR
P
PORST and ESR0 input
filtered pulse
—
—
—
500
ns
WNFRST SR
P
PORST and ESR0 input not
filtered pulse
—
2000
—
—
ns
WFNMI
SR
P
ESR1 input filtered pulse
—
—
—
15
ns
WNFNMI SR
P
ESR1 input not filtered pulse
—
400
—
—
ns
1.
An external 4.7 KOhm pull-up resistor is recommended to be used with the PORST and ESR0 pins for fast negation of the
signals.
2.
IOL_R applies to both PORST and ESR0: Strong pull-down is active on PHASE0 for PORST. Strong pull-down is active on
PHASE0, PHASE1, PHASE2, and the beginning of PHASE3 for ESR0.
PORST must be connected to an external power-on supply circuitry. Minimum requested
circuitry is external pull-up to ensure device can exit reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com