Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K72E5 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 25Page - STMicroelectronics SPC574K72E5 Datasheet HTML 26Page - STMicroelectronics SPC574K72E5 Datasheet HTML 27Page - STMicroelectronics SPC574K72E5 Datasheet HTML 28Page - STMicroelectronics SPC574K72E5 Datasheet HTML 29Page - STMicroelectronics SPC574K72E5 Datasheet HTML 30Page - STMicroelectronics SPC574K72E5 Datasheet HTML 31Page - STMicroelectronics SPC574K72E5 Datasheet HTML 32Page - STMicroelectronics SPC574K72E5 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 127 page
background image
DocID023601 Rev 5
29/127
SPC574Kxx
Electrical characteristics
126
3.6
DC electrical specifications
The following table describes the DC electrical specifications.
Table 12. DC electrical specifications(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
IDDAPP
(2)
CC C Operating current all
supplies with typical
application
fSYS = 160 MHz
TJ < 150 °C
—
—
400(3)
mA
IDD_MAIN_CORE_AC CC C Main
Core 0 dynamic
operating current
fSYS = 160 MHz
—
—
56
mA
IDD_CHKR_CORE_AC CC C Checker
Core 0 dynamic
operating current
fSYS = 160 MHz
—
—
40
mA
IDDAR
CC T VDD_HV_IO After Run
operating current at
1.32 V(4)
Tamb = 55
oC
Total device consumption
on VDD_HV_IO, including
consumption for VDD_LV
generation.
No I/O activity
——
35
mA
PTamb = 40
oC—
—
33
IDD_LV_BD
CC P Debug/Emulation low
voltage supply
operating current(5),(6)
TJ = 150 °C
VDD_LV_BD = 1.32 V
——
250
mA
IDD_HV_IO_BD
CC D Debug/Emulation high
voltage supply operating
current (Aurora +
JTAGM/LFAST)
TJ = 150 °C
—
—
130
mA
ISPIKE
CC T Maximum short term
current spike(7)
< 20 µs observation
window
——
90
mA
dI
CC T Current difference ratio to
average current
(dI/avg(I))(8)
20 µs observation
window
——
20
%
ISR
CC D Current variation during
boot/shut-down
—(9)
——
90(10)
mA
IDDOFF
CC T Power-off current on
VDD_HV_IO supply rails
(11)
VDD_HV_IO = 2.5 V
100
—
—
A
VREF_BG_T
CC P Bandgap trimmed
reference voltage
TJ = –40 °C to 150 °C
VDD_HV_ADV = 5 V + 10%
1.200
—
1.237
V
VREF_BG_TC
CC C Bandgap temperature
coefficient(12)
TJ = –40 °C to 150 °C
VDD_HV_ADV = 5 V + 10%
——
50
ppm/
°C
VREF_BG_LR
CC C Bandgap line regulation
TJ = –40 °C
VDD_HV_ADV = 5 V + 10%
—
—
8000
ppm/
V
CTJ = 150 °C
VDD_HV_ADV = 5 V + 10%
—
—
4000
1.
The ranges in this table are design targets and actual data may vary in the given range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com