Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K72E5 Datasheet(PDF) 89 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 85Page - STMicroelectronics SPC574K72E5 Datasheet HTML 86Page - STMicroelectronics SPC574K72E5 Datasheet HTML 87Page - STMicroelectronics SPC574K72E5 Datasheet HTML 88Page - STMicroelectronics SPC574K72E5 Datasheet HTML 89Page - STMicroelectronics SPC574K72E5 Datasheet HTML 90Page - STMicroelectronics SPC574K72E5 Datasheet HTML 91Page - STMicroelectronics SPC574K72E5 Datasheet HTML 92Page - STMicroelectronics SPC574K72E5 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 127 page
background image
DocID023601 Rev 5
89/127
SPC574Kxx
Electrical characteristics
126
4tSDC
CC
D
SCK duty cycle(7)
SCK drive strength
Very strong
0 pF
1/
2tSCK – 2
1/
2tSCK + 2
ns
Strong
0 pF
1/
2tSCK – 2
1/
2tSCK + 2
Medium
0 pF
1/
2tSCK – 5
1/
2tSCK + 5
PCS strobe timing
5tPCSC
CC
D
PCSx to PCSS
time(8)
PCS and PCSS drive strength
Strong
25 pF
16.0
—ns
6tPASC
CC
D
PCSS to PCSx
time(8)
PCS and PCSS drive strength
Strong
25 pF
16.0
—ns
SIN setup time
7tSUI
CC
D
SIN setup time to
SCK(9)
SCK drive strength
Very strong
25 pF
25.0
—
ns
Strong
50 pF
31.0
—
Medium
50 pF
52.0
—
SIN hold time
8tHI
CC
D
SIN hold time from
SCK(9)
SCK drive strength
Very strong
0 pF
–1.0
—
ns
Strong
0 pF
–1.0
—
Medium
0 pF
–1.0
—
SOUT data valid time (after SCK edge)
9tSUO
CC
D
SOUT data valid
time from SCK(10)
SOUT and SCK drive strength
Very strong
25 pF
—
7.0
ns
Strong
50 pF
—
8.0
Medium
50 pF
—
16.0
SOUT data hold time (after SCK edge)
10
tHO
CC
D
SOUT data hold
time after SCK(10)
SOUT and SCK drive strength
Very strong
25 pF
–7.7
—
ns
Strong
50 pF
–11.0
—
Medium
50 pF
–15.0
—
1.
All output timing is worst case and includes the mismatching of rise and fall times of the output pads.
2.
All timing values for output signals in this table are measured to 50% of the output voltage.
3.
Timing is guaranteed to same drive capabilities for all signals, mixing of pad drives may reduce operating speeds and may
cause incorrect operation.
Table 48. DSPI CMOS master classic timing (full duplex and output only) – MTFE = 0, CPHA = 0 or
1(1)(Continued)
#
Symbol
C
Characteristic
Condition
Value(2)
Unit
Pad drive(3)
Load (CL)Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com