Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K72E5 Datasheet(PDF) 30 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 26Page - STMicroelectronics SPC574K72E5 Datasheet HTML 27Page - STMicroelectronics SPC574K72E5 Datasheet HTML 28Page - STMicroelectronics SPC574K72E5 Datasheet HTML 29Page - STMicroelectronics SPC574K72E5 Datasheet HTML 30Page - STMicroelectronics SPC574K72E5 Datasheet HTML 31Page - STMicroelectronics SPC574K72E5 Datasheet HTML 32Page - STMicroelectronics SPC574K72E5 Datasheet HTML 33Page - STMicroelectronics SPC574K72E5 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 127 page
background image
Electrical characteristics
SPC574Kxx
30/127
DocID023601 Rev 5
3.7
I/O pad specification
The following table describes the different pad type configurations.
Note:
Each I/O pin on the device supports specific drive configurations. See the signal description
table in the device reference manual for the available drive configurations for each I/O pin.
2.
Typical application consumption, unloaded I/O with LVDS pins active and terminated.
3.
Maximum VDD_LV consumption as for Section 3.15.2, Main voltage regulator electrical characteristics. Maximum junction
temperature including temperature due to power dissipation as for Section 4.5, Thermal characteristics.
4.
Device in STOP mode running from the internal RCOSC, with the external oscillator and ADCs disabled. Includes regulator
consumption for VDD_LV generation. Includes static I/O current with no pins toggling. VDD_HV refers to all 5 V supplies
(VDD_HV_ADV, VDD_HV_IO_MAIN, VDD_HV_IO_JTAG, VDD_HV_IO_FLEX, and VDD_HV_PMC). The IDDAR current can be further
reduced by disabling the I/O pad compensation cells via the PDO bits in the ME_<mode>_MC registers in the mode entry
module (MC_ME).
5.
Leakage of VDD_LV_BD at junction temperature of 150 °C with production device powered estimated at 120 mA
6.
Aurora and LFAST enabled, further consumption of 70 mA on VDD_HV_IO_BD supply for Aurora transmission line
7.
ISPIKE value is only valid for the use cases defined for the IDDAPP and IDDAPP_LV specifications and its conditions given in
Table 12 (DC electrical specifications).
8.
Moving window, valid for IDDAPP and its conditions given in Table 12 (DC electrical specifications), with a maximum of
90 mA for the worst case application.
9.
Condition 1: For power on period from 0 V up to normal operation with reset asserted.
Condition 2: From reset asserted until IRCOSC frequency.
Condition 3: Increasing frequency from IRCOSC to PLL full frequency.
Condition 4: reverse order for power down to 0 V.
10. Current variation is considered during boot or during shut-down sequence. Progressive clock switching should be use to
guarantee low current variation.This does not include current requested for the loading of the capacitances on the VDD_LV
domain. Please refer to Section 3.15.1, Power management integration, Iclamp specification
11. IDDOFF is the minimum guaranteed consumption of the device during power-up. It can be used to correctly size power-off
ballast in case of current injection during power-off state.Power up/down current transients can be limited by controlling the
clock ramp rates with the Progressive Clock Frequency Switching block on the device.
12. The temperature coefficient and line regulation specifications are used to calculate the reference voltage drift at an
operating point within the specified voltage and temperature operating conditions.
Table 13. I/O pad specification descriptions
Pad type
Description
Weak configuration
Provides a good compromise between transition time and low electromagnetic emission.
Pad impedance is centered around 800

Medium configuration
Provides transition fast enough for the serial communication channels with controlled
current to reduce electromagnetic emission.
Pad impedance is centered around 200

Strong configuration
Provides fast transition speed; used for fast interface.
Pad impedance is centered around 50

Very strong configuration
Provides maximum speed and controlled symmetric behavior for rise and fall transition.
Used for fast interface including Ethernet and FlexRay interfaces requiring fine control of
rising/falling edge jitter.
Pad impedance is centered around 40

Differential configuration
A few pads provide differential capability providing very fast interface together with good
EMC performances.
Input only pads
These low input leakage pads are associated with the ADC channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com