Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K72E5 Datasheet(PDF) 68 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 64Page - STMicroelectronics SPC574K72E5 Datasheet HTML 65Page - STMicroelectronics SPC574K72E5 Datasheet HTML 66Page - STMicroelectronics SPC574K72E5 Datasheet HTML 67Page - STMicroelectronics SPC574K72E5 Datasheet HTML 68Page - STMicroelectronics SPC574K72E5 Datasheet HTML 69Page - STMicroelectronics SPC574K72E5 Datasheet HTML 70Page - STMicroelectronics SPC574K72E5 Datasheet HTML 71Page - STMicroelectronics SPC574K72E5 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 127 page
background image
Electrical characteristics
SPC574Kxx
68/127
DocID023601 Rev 5
Figure 18. LVDS pad external load diagram
3.13.3
LFAST PLL electrical characteristics
3.
Valid for maximum data rate fDATA. Value given is the capacitance on each terminal of the differential pair, as shown in
Figure 18.
4.
Valid for maximum external load CL.
CL
CL
1pF
1pF
2.5pF
2.5pF
100Ω
terminator
bond pad
GPIO Driver
GPIO Driver
LVDS Driver
Die
Package
PCB
bond pad
The following table contains the electrical characteristics for the LFAST PLL.
Table 34. LFAST PLL electrical characteristics(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Nominal
Max
fRF_REF
SR
D
PLL reference clock frequency
—
10
—
26
MHz
ERRREF
CC
D
PLL input reference clock frequency
error
—–1
—
1
%
DCREF
CC
D
PLL input reference clock duty cycle
—
45
—
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com