Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 24Page - Infineon Technologies AG TLE9461ES Datasheet HTML 25Page - Infineon Technologies AG TLE9461ES Datasheet HTML 26Page - Infineon Technologies AG TLE9461ES Datasheet HTML 27Page - Infineon Technologies AG TLE9461ES Datasheet HTML 28Page - Infineon Technologies AG TLE9461ES Datasheet HTML 29Page - Infineon Technologies AG TLE9461ES Datasheet HTML 30Page - Infineon Technologies AG TLE9461ES Datasheet HTML 31Page - Infineon Technologies AG TLE9461ES Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
28
Rev.1.1
2019-09-27
Note:
An over voltage event at VCC1 leads to SBC Restart Mode only if the bit VCC1_OV_RST is set and if
CFG0_STATE = ‘1’ (Config 1/3).
Note:
The content of the WD_FAIL bits depends on the device configuration, e.g. 1 or 2 watchdog failures.
5.1.6
SBC Fail-Safe Mode
The purpose of this mode is to bring the system in a safe status after a failure condition by turning Off the VCC1
supply and powering Off the microcontroller. After a wake-up event the system restarts again.
The Fail-Safe Mode is automatically entered after following events:
• SBC thermal shutdown (TSD2) (see also Chapter 12.8.3),
• over voltage on VCC1 if the bit VCC1_OV_RST is set and if CFG0_STATE = ‘0’,
• 1st incorrect watchdog trigger in Config2 (CFG1 = 1) and after a 2nd incorrect watchdog trigger in Config4
(CFG1 = 0) (see also Chapter 5.1.1),
•
VCC1 is shorted to GND (see also Chapter 12.6),
In this case, the default wake sources CAN, WK/VSENSE and FO/GPIO (if configured as wake input - see also
registers BUS_CTRL_0, WK_CTRL_1 and GPIO_CTRL) are activated, the previous wake-up events are cleared
in the register WK_STAT_0 and WK_STAT_1, and both voltage regulators and the GPIO - if configured as HS or
LS - are switched Off.
The SBC Fail-Safe Mode is entered regardless of the FO/GPIO pin configuration. If WK/VSENSE and FO/GPIO are
configured for the alternative measurement function (WK_MEAS = 1) then these pins keep their configuration
for the measurement function when SBC Fail-Safe Mode is entered, i.e. they are not automatically activated
as wake sources.
The SBC Fail-Safe Mode is maintained until a wake-up event on the default wake sources occurs. To avoid any
fast toggling behavior a filter time of typ. 100ms (tFS,min) is implemented. Wake-up events during this time is
stored and automatically lead to SBC Restart Mode after the filter time.
In case of a VCC1 over temperature shutdown (TSD2), the SBC Restart Mode is entered automatically after a
filter time of typ. 1s (tTSD2) (without the need of a wake-up event) once the device temperature has fallen below
the TSD2 threshold. Please see Chapter 12.8.3 on how to extend the minimum TSD2 waiting time.
Leaving the SBC Fail-Safe Mode does not result in a deactivation of the Fail Output pins.
The following functions are controlled by the C Fail-Safe Mode:
• FO output (if configured as FO) is activated (see also Chapter 11)
• VCC1 is switched Off
• VCC2 is switched Off
• CAN is set to Wake Capable
• GPIO behavior:
– if configured as HS or LS: it is switched Off
– if configured as wake input: it is set to wake capable in Static Sense mode
• WK/VSENSE pin is set to wake capable in Static Sense mode (only if WK_MEAS = 0)
• Cyclic Sense and Cyclic Wake is disabled
• SPI communication is disabled because VCC1 is Off, RSTN and digital I/O pins are pulled Low
• The Fail-Safe Mode activation is signalled in the SPI register DEV_STAT with the bits FAILURE and
DEV_STAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com