Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 60Page - Infineon Technologies AG TLE9461ES Datasheet HTML 61Page - Infineon Technologies AG TLE9461ES Datasheet HTML 62Page - Infineon Technologies AG TLE9461ES Datasheet HTML 63Page - Infineon Technologies AG TLE9461ES Datasheet HTML 64Page - Infineon Technologies AG TLE9461ES Datasheet HTML 65Page - Infineon Technologies AG TLE9461ES Datasheet HTML 66Page - Infineon Technologies AG TLE9461ES Datasheet HTML 67Page - Infineon Technologies AG TLE9461ES Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
High-Speed CAN FD Transceiver
Datasheet
64
Rev.1.1
2019-09-27
Transmitted Recessive bit
width
(CAN FD up to 5Mbps)
tbit(BUS)
155
–
210
ns
CAN Normal Mode;
CL = 100pF;
RL = 60 Ω;
VCAN = 5 V;
CRXD = 15 pF;
tbit(TXD) = 200ns;
Parameter definition
in according to
Figure 24.
P_9.3.46
Receiver timing symmetry
(CAN FD up to 5Mbps)
∆tRec
-45
–
15
ns
CAN Normal Mode;
CL = 100pF;
RL = 60Ω;
VCAN = 5V;
CRXD = 15pF;
tbit(TXD) = 200ns;
Parameter definition
in according to
Figure 24.
P_9.3.47
TXDCAN Permanent
Dominant Time-out
tTXDCAN_TO 1.6
2.0
2.4
ms
8)CAN Normal Mode
P_9.3.39
BUS Permanent Dominant
Time-out
tBUS_CAN_TO 2.0
2.5
3.0
ms
8)CAN Normal Mode
P_9.3.40
Timeout for bus inactivity
tSILENCE
0.6
–
1.2
s
8)
P_9.3.48
Bus Bias reaction time
tBias
–
–
250
µs
8)
P_9.3.49
1) Not subject to production test, specified by design, S2P - Method; f = 10 MHz.
2) VSYM shall be observed during dominant and recessive state and also during the transition dominant to recessive and
vice versa while TXD is simulated by a square signal (50% duty cycle) with a frequency of up to 1 MHz (2 MBit/s);
3) Rtest between (Vs /VCAN) and 0V (GND).
4) Not subject to production test, specified by design.
5) Wake-up is signalized via INTN pin activation in SBC Stop Mode and via VCC1 ramping up with wake from SBC Sleep
Mode.
6) For WUP: time starts with end of last dominant phase of WUP; for WUF: time starts with end of CRC delimiter of the
WUF.
7) ∆tRec=tbit(RXD) -tbit(BUS).
8) Not subject to production test, tolerance defined by internal oscillator tolerance.
Table 18
Electrical Characteristics (cont’d)
Tj = -40°C to +150°C; VS = 5.5 V to 28 V; VCAN = 4.75 V to 5.25 V; RL = 60 Ω; CAN Normal Mode; all voltages with
respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com