Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 37Page - Infineon Technologies AG TLE9461ES Datasheet HTML 38Page - Infineon Technologies AG TLE9461ES Datasheet HTML 39Page - Infineon Technologies AG TLE9461ES Datasheet HTML 40Page - Infineon Technologies AG TLE9461ES Datasheet HTML 41Page - Infineon Technologies AG TLE9461ES Datasheet HTML 42Page - Infineon Technologies AG TLE9461ES Datasheet HTML 43Page - Infineon Technologies AG TLE9461ES Datasheet HTML 44Page - Infineon Technologies AG TLE9461ES Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
41
Rev.1.1
2019-09-27
Note:
There is a diode in series to the switch S_MEAS (not shown in the Figure 46), which influences the
temperature behavior of the switch. See also Figure 13.
WK_EN, GPIO configured as
WK
Wake-up via WK/VSENSE and GPIO
WK possible
Setting the wake enable bits is
ignored, i.e. the measurement
function has priority but the bits can
be set.
If only WK_EN and/or GPIO as WK are
set while trying to go to SBC Sleep
Mode, then the SPI_FAIL flag is set
and the SBC changes into SBC Restart
Mode
SBC Fail-Safe Mode behavior WK/VSENSE is automatically
activated as wake source;
see Table 22 for GPIO behavior
Measurement function configuration
is kept, switch S_MEAS is open
WK_PUPD_CTRL
normal configuration is possible
no pull-up or pull-down enabled
FO functionality
FO functionality is available if
configured accordingly
FO functionality is not available.
FO/GPIO must be set to Off before
setting WK_MEAS. Otherwise the
SPI_FAIL flag is set.
Table 11
Differences between Normal WK Function and Measurement Function (cont’d)
Affected Settings/Modules
for WK/VSENSE and
FO/GPIO Inputs
WK_MEAS = 0
WK_MEAS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com