Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 28Page - Infineon Technologies AG TLE9461ES Datasheet HTML 29Page - Infineon Technologies AG TLE9461ES Datasheet HTML 30Page - Infineon Technologies AG TLE9461ES Datasheet HTML 31Page - Infineon Technologies AG TLE9461ES Datasheet HTML 32Page - Infineon Technologies AG TLE9461ES Datasheet HTML 33Page - Infineon Technologies AG TLE9461ES Datasheet HTML 34Page - Infineon Technologies AG TLE9461ES Datasheet HTML 35Page - Infineon Technologies AG TLE9461ES Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
32
Rev.1.1
2019-09-27
5.2
Wake Features
The following wake sources are implemented in the device:
• Static Sense: WK/VSENSE input and/or GPIO WK input are permanently active as a wake source, i.e WK_EN
is set and/or FO/GPIO is enabled as wake input (see Chapter 9.2.2 & Chapter 11.1.3)
• Cyclic Sense: WK/VSENSE input only active during On-time of Cyclic Sense period. Internal timer is
activating GPIO HS during On-time for sensing the WK/VSENSE input (see Chapter 5.2.1)
• Cyclic Wake: wake-up is controlled by internal timer, wake inputs are not used for Cyclic Wake (see
Chapter 5.2.2)
• CAN wake: Wake-up via CAN message, i.e. CAN wake-up pattern (WUP, see also Chapter 8)
5.2.1
Cyclic Sense
The Cyclic Sense feature is intended to reduce the quiescent current of the device and the application.
In the Cyclic Sense configuration, the GPIO (configured as high-side driver) is switched On periodically,
controlled by TIMER_CTRL. The high-side switch supplies external circuitries e.g. switches and/or resistor
arrays, which are connected to the wake input WK (see Figure 6). Any edge change of the WK/VSENSE input
signal during the On-time of the Cyclic Sense period causes a wake-up. Depending on the SBC mode, either
the INTN is pulled Low (SBC Normal Mode and Stop Mode) or the SBC is woken enabling the VCC1 (after SBC
Sleep Mode).
Figure 6
Cyclic Sense Working Principle
Switching
Circuitry
Config. as HS
GPIO
FO/GPIO
WK/
VSENSE
SBC
STATE
MACHINE
WK
GPIO_CTRL
TIMER_CTRL
Period / On-Time
Signal
to uC
INTN
10k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com