Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 77 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 77 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 73Page - Infineon Technologies AG TLE9461ES Datasheet HTML 74Page - Infineon Technologies AG TLE9461ES Datasheet HTML 75Page - Infineon Technologies AG TLE9461ES Datasheet HTML 76Page - Infineon Technologies AG TLE9461ES Datasheet HTML 77Page - Infineon Technologies AG TLE9461ES Datasheet HTML 78Page - Infineon Technologies AG TLE9461ES Datasheet HTML 79Page - Infineon Technologies AG TLE9461ES Datasheet HTML 80Page - Infineon Technologies AG TLE9461ES Datasheet HTML 81Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Fail Output (FO) and General Purpose I/O (GPIO)
Datasheet
77
Rev.1.1
2019-09-27
– The switch is controlled by the PWM generator: 0% DC = Off and 100% DC = On;
any other duty cycle can be configured in PWM_CTRL.
The PWM frequency can be selected in PWM_FREQ_CTRL
– The respective level at the pin is shown in WK_LVL_STAT in SBC Normal, Stop-, Init and Restart Mode
and can serve as a feedback about the respective switch state1)
– On-state open load detection and overcurrent shutdown is implemented.
During PWM operation the diagnosis is active only during the HS On-time.
In case of open load detection the bit GPIO_OL is set.
In case of over current detection the bit GPIO_OC is set and the switch is shut down.
Depending on the duty cycle the diagnosis might not be activated considering the respective filter time
• High-Side with Cyclic Sense functionality when configured as GPIO = ‘011’:
– The HS is used in combination with the WK pin and is controlled by the Timer. Cyclic Sense does not
work if the GPIO is not configured accordingly.
– The configuration for Cyclic Sense, e.g. the period and On-time of the Cyclic Sense function is done via
the registers TIMER_CTRL, WK_CTRL_1, WK_PUPD_CTRL
– A learning cycle is always started if the timer is started via the On-time and GPIO is configured as HS
with Cyclic Sense = ‘011’
– Overcurrent shutdown is active only during the HS On-time:
In case of over current detection the bit GPIO_OC is set and the switch is shut down.
The timer keeps running, i.e. Cyclic Wake is still available.
The open load detection is not available in this configuration.
– WK_LVL_STAT is not updated
–See Chapter 5.2.1 and Chapter 9.2 for more information about Cyclic Sense
Note:
It must be ensured that the correct GPIO configuration is selected after device power-up to ensure
proper functionality.
It is recommended to use the CFG_LOCK_0 bit to avoid unintentional configuration changes.
It is not recommended to change the GPIO configuration during the operation to avoid misleading
SPI status bit settings (e.g. wake-up event, over current, open load ) or unexpected timings due to
shared PWM generator.
Note:
Before GPIO is be configured as HS or LS with PWM Control the PWM_CTRL register must be set .
Note:
The internally stored default value used for the wake-input configuration is ‘Low’. A level change is
signalized via the bit GPIO_WK_WU in case the externally connected signal on FO/GPIO is ‘High’. If
there is a level change at the FO/GPIO pin while configuring the wake function then a wake-up event
can occur as there is no internal learning cycle and the last filtered value is used as a reference.
Shutdown behavior in case of low-side or high-side configuration (incl. Cyclic Sense & PWM):
• The switch is disabled in case of over current detection with low- or high-side configuration, SBC Restart
or Fail-Safe Mode entry
• The SPI bits are set to GPIO = Off = ‘100’
• The switch stays Off until it is enabled again via the GPIO bits,
•In case CFG_LOCK_0 is set, then the bit must first be cleared before the configuration can be enabled
again. Then the lock bit should be set again
• The switch can be enabled even if GPIO_OL or GPIO_OC bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com