Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 36Page - Infineon Technologies AG TLE9461ES Datasheet HTML 37Page - Infineon Technologies AG TLE9461ES Datasheet HTML 38Page - Infineon Technologies AG TLE9461ES Datasheet HTML 39Page - Infineon Technologies AG TLE9461ES Datasheet HTML 40Page - Infineon Technologies AG TLE9461ES Datasheet HTML 41Page - Infineon Technologies AG TLE9461ES Datasheet HTML 42Page - Infineon Technologies AG TLE9461ES Datasheet HTML 43Page - Infineon Technologies AG TLE9461ES Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
40
Rev.1.1
2019-09-27
5.4
High-Voltage Measurement Interface
5.4.1
Block Description
This function provides the possibility to measure a voltage, e.g. the unbuffered battery voltage, with the
protected WK/VSENSE HV-input. The measured voltage is routed out at FO/GPIO in case it is not configured as
FO.
A simple external voltage divider needs to be placed to provide the appropriate voltage level to the
microcontroller A/D converter input. For power-saving reasons, the function is available only in SBC Normal
Mode and it is disabled in all other SBC modes.
The benefit of the function is that the signal is measured by a HV-input pin and that there is no current flowing
through the resistor divider during low-power modes.
The functionality is shown in a simplified application diagram in Figure 46.
5.4.2
Functional Description
This measurement function is by default disabled. In this case, WK/VSENSE and FO/GPIO have their default
functionality. The switch S_MEAS is open for this configuration (see Figure 46), i.e. there is no connection
between the pins. The measurement function can be enabled via the SPI bit WK_MEAS. If WK_MEAS is set to
‘1’, then the measurement function is enabled and the switch S_MEAS is closed in SBC Normal Mode. S_MEAS
is open in all other SBC modes. In this function the pull-up and pull-down currents of WK/VSENSE and FO/GPIO
are disabled and the internal WK/VSENSE and FO/GPIO signals are gated. In addition, the settings for
WK/VSENSE and FO/GPIO in the registers WK_PUPD_CTRL, WK_CTRL_1 and GPIO_CTRL are ignored but
changing these setting is not prevented. The registers WK_STAT_0, WK_STAT_1 and WK_LVL_STAT are not
updated with respect to the inputs WK/VSENSE and FO/GPIO. However, if only WK/VSENSE or GPIO WK are set
as wake sources and a SBC Sleep Mode command is set, then the SPI_FAIL flag is set and the SBC changes into
SBC Restart Mode (see Chapter 5.1 also for wake capability of WK/VSENSE and GPIO WK).
If WK_MEAS is set then neither the FO (including the FO test via FO_ON) nor the GPIO functionality or wake
functionality is available. Trying to change the GPIO_CTRL configurations will set the SPI_FAIL.
If FO/GPIO is configured as FO or any other GPIO configuration, then WK_MEAS cannot be set and SPI_FAIL is
triggered, i.e. FO/GPIO must be first set Off initially.
Table 11
Differences between Normal WK Function and Measurement Function
Affected Settings/Modules
for WK/VSENSE and
FO/GPIO Inputs
WK_MEAS = 0
WK_MEAS = 1
S_MEAS configuration
‘open’
‘closed’ in SBC Normal Mode,
‘open’ in all other SBC Modes but
configuration is kept
Internal WK/VSENSE &
FO/GPIO signal processing
Default wake and level signaling
function,
WK_STAT_0, WK_STAT_1 and
WK_LVL_STAT are updated
accordingly
WK/VSENSE and FO/GPIO signals are
gated internally, WK_STAT_0,
WK_STAT_1 and WK_LVL_STAT are
not updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com