Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 67 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 67 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 63Page - Infineon Technologies AG TLE9461ES Datasheet HTML 64Page - Infineon Technologies AG TLE9461ES Datasheet HTML 65Page - Infineon Technologies AG TLE9461ES Datasheet HTML 66Page - Infineon Technologies AG TLE9461ES Datasheet HTML 67Page - Infineon Technologies AG TLE9461ES Datasheet HTML 68Page - Infineon Technologies AG TLE9461ES Datasheet HTML 69Page - Infineon Technologies AG TLE9461ES Datasheet HTML 70Page - Infineon Technologies AG TLE9461ES Datasheet HTML 71Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
High-Voltage Wake and Voltage Monitoring Input
Datasheet
67
Rev.1.1
2019-09-27
9.2
High-Voltage Wake Function
9.2.1
Functional Description
The wake input pin is edge-sensitive inputs with a switching threshold of typically 3V. Both transitions, High
to Low and Low to High, result in a signalization by the SBC. The signalization occurs either by triggering the
interrupt in SBC Normal Mode and SBC Stop Mode or by a wake-up of the device in SBC Sleep and SBC Fail-
Safe Mode.
Two different wake-up detection modes can be selected via SPI:
• Static Sense: WK inputs are always active
• Cyclic Sense: WK inputs are only active for a certain time period (see Chapter 5.2.1)
A filter time of 16µs is implemented to avoid an unintentional wake-up due to transients or EMI disturbances
in Static Sense configuration.
The filter time (tFWK1) is triggered by a level change crossing the switching threshold and a wake signal is
recognized if the input level does not cross again the threshold during the selected filter time.
Figure 26 shows a typical wake-up timing and filtering of transient pulses.
Figure 26 Wake-up Filter Timing for Static Sense
The wake-up capability of the WK pin can be enabled or disabled via SPI command in the WK_CTRL_1 register.
A wake-up event via the WK pin can always be read in the register WK_STAT_0 at the bit WK_WU.
The actual voltage level of the WK pin (Low or High) can always be read in SBC Normal and SBC Stop-, and Init
Mode in the register WK_LVL_STAT. During Cyclic Sense, the register shows the sampled levels of the
respective WK pin.
If FO/GPIO is configured as WK input in its alternative function (16µs static filter time), then the wake-up events
are signalled in the register WK_STAT_1.
VWK,th
t
VWK
tWK,f
No Wake Event
Wake Event
VWK,th
tWK,f
t
VINT
tINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com