Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 10Page - Infineon Technologies AG TLE9461ES Datasheet HTML 11Page - Infineon Technologies AG TLE9461ES Datasheet HTML 12Page - Infineon Technologies AG TLE9461ES Datasheet HTML 13Page - Infineon Technologies AG TLE9461ES Datasheet HTML 14Page - Infineon Technologies AG TLE9461ES Datasheet HTML 15Page - Infineon Technologies AG TLE9461ES Datasheet HTML 16Page - Infineon Technologies AG TLE9461ES Datasheet HTML 17Page - Infineon Technologies AG TLE9461ES Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 140 page
background image
Datasheet
14
Rev.1.1
2019-09-27
TLE9461ES
Lite CAN SBC Family
General Product Characteristics
4.4
Current Consumption
Table 4
Current Consumption
Current consumption values are specified at Tj = 25°C, VS = 13.5 V, all outputs open (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
SBC Normal Mode
Normal Mode current
consumption
INormal
–3.5
6.5
mA
VS = 5.5 V to 28 V;
Tj = -40 °C to +150 °C;
VCC2, CAN = Off
P_4.4.1
SBC Stop Mode
Stop Mode current
consumption
IStop_1,25
–44
55
µA
1) VCC2 & CAN = Off,
Cyclic Wake/Sense &
Watchdog = Off;
no load on VCC1;
I_PEAK_TH = ‘0’
P_4.4.2
Stop Mode current
consumption
IStop_1,85
–50
72
µA
1)2) Tj = 85°C;
VCC2 & CAN = Off;
Cyclic Wake/Sense &
Watchdog = Off;
no load on VCC1;
I_PEAK_TH = ‘0’
P_4.4.3
Stop Mode current
consumption
(high active peak threshold)
IStop_2,25
–65
72
µA
1) VCC2 & CAN Cyclic
Wake/Sense &
Watchdog = Off;
no load on VCC1;
I_PEAK_TH = ‘1’
P_4.4.4
Stop Mode current
consumption
(high active peak threshold)
IStop_2,85
–70
92
µA
1)2) Tj = 85°C;
VCC2 & CAN
Cyclic Wake/Sense &
Watchdog = Off;
no load on VCC1;
I_PEAK_TH = ‘1’
P_4.4.5
SBC Sleep Mode
Sleep Mode current
consumption
ISleep,25
–
15
25
µA
VCC2 & CAN= Off;
Cyclic Wake/Sense =
Off
P_4.4.6
Sleep Mode current
consumption
ISleep,85
–25
35
µA
2) Tj = 85°C;
VCC2 & CAN = Off;
Cyclic Wake/Sense =
Off
P_4.4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com