Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 92 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 92 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 88Page - Infineon Technologies AG TLE9461ES Datasheet HTML 89Page - Infineon Technologies AG TLE9461ES Datasheet HTML 90Page - Infineon Technologies AG TLE9461ES Datasheet HTML 91Page - Infineon Technologies AG TLE9461ES Datasheet HTML 92Page - Infineon Technologies AG TLE9461ES Datasheet HTML 93Page - Infineon Technologies AG TLE9461ES Datasheet HTML 94Page - Infineon Technologies AG TLE9461ES Datasheet HTML 95Page - Infineon Technologies AG TLE9461ES Datasheet HTML 96Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Supervision Functions
Datasheet
92
Rev.1.1
2019-09-27
12.8
Thermal Protection
Three independent and different thermal protection features are implemented in the SBC according to the
system impact:
• Individual thermal shutdown of specific blocks
• Temperature prewarning of main microcontroller supply VCC1
• SBC thermal shutdown due to VCC1 overtemperature
12.8.1
Individual Thermal Shutdown
As a first-level protection measure the output stages VCC2 and CAN are independently switched Off if the
respective block reaches the temperature threshold TjTSD1_1 / TjTSD1_2. Then the TSD1 bit is set. This bit can only
be cleared via SPI once the overtemperature is not present anymore. Independent of the SBC Mode the
thermal shutdown protection is only active if the respective block is On.
The respective modules behave as follows:
• VCC2: Is switched to Off and the control bits VCC2_ON are cleared. The status bit VCC2_OT is set. Once the
overtemperature condition is not present anymore, then VCC2 has to be configured again by SPI.
• CAN: The transmitter is disabled and stays in CAN Normal Mode acting like CAN Receive only mode. The
status bits CAN_FAIL = ‘01’ are set. Once the overtemperature condition is not present anymore, then the
CAN transmitter is automatically switched On.
Note:
The diagnosis bits are not cleared automatically and have to be cleared via SPI once the
overtemperature condition is not present anymore.
12.8.2
Temperature Prewarning
As a next level of thermal protection a temperature prewarning is implemented. If the main supply VCC1
exceeds the thermal prewarning temperature threshold TjPW. Then the status bit TPW is set. This bit can only
be cleared via SPI once the overtemperature is not present anymore.
12.8.3
SBC Thermal Shutdown
As the highest level of thermal protection a temperature shutdown of the SBC is implemented if the main
supply VCC1 reaches the thermal shutdown temperature threshold TjTSD1_1 / TjTSD1_2. Once a TSD2 event is
detected SBC Fail-Safe Mode is entered. Only when device temperature falls below the TSD2 threshold then
the device remains in SBC Fail-Safe Mode for tTSD2 to allow the device to cool down. After this time has expired,
the SBC automatically changes via SBC Restart Mode to SBC Normal Mode (see also Chapter 5.1.6).
When a TSD2 event is detected, then the status bit TSD2 is set. This bit can only be cleared via SPI in SBC
Normal Mode once the overtemperature is not present anymore.
For increased robustness it is possible to extend the TSD2 waiting time by 64x of tTSD2 after 16 consecutive
TSD2 events by setting the SPI bit TSD2_DEL. The counter is incremented with each TSD2 event even if the bit
TSD2 is not cleared. Once the counter has reached the value 16, then the bit TSD2_SAFE is set and the
extended TSD2 waiting time is active. The extended waiting time is kept until TSD2_SAFE is cleared. The TSD
counter is cleared when TSD2 or TSD2_DEL is cleared.
Note:
In case a TSD2 overtemperature occurs while entering SBC Sleep Mode then SBC Fail-Safe mode is
entered.
Note:
To enable higher ambient temperatures the thermal shutdown thresholds can be increased by 10K
for TSD1 and TSD2 by setting the bit TSD_THR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com