Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 100 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 100 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 96Page - Infineon Technologies AG TLE9461ES Datasheet HTML 97Page - Infineon Technologies AG TLE9461ES Datasheet HTML 98Page - Infineon Technologies AG TLE9461ES Datasheet HTML 99Page - Infineon Technologies AG TLE9461ES Datasheet HTML 100Page - Infineon Technologies AG TLE9461ES Datasheet HTML 101Page - Infineon Technologies AG TLE9461ES Datasheet HTML 102Page - Infineon Technologies AG TLE9461ES Datasheet HTML 103Page - Infineon Technologies AG TLE9461ES Datasheet HTML 104Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
100
Rev.1.1
2019-09-27
Certain SPI control bits used to configure device functionality can be locked to avoid unintentional bit
modification. The respective bit type is ‘rwl’. There are two levels of configuration locks:
• CFG_LOCK_0 in the HW_CTRL_1 is the level 0 lock mechanism: The bits CP_EN and GPIO can be locked.
In case the configuration must be changed then CFG_LOCK_0 must be cleared first
• CFG_LOCK_1 in the HW_CTRL_2 is the level 1 lock mechanism: All other lockable bits with the type ‘rwl’
are locked and can only be modified at the next device power up
No status information can be lost, even if a bit changes right after the first 7 SPI clock cycles before the SPI
frame ends. In this case the status information field is updated with the next SPI command. However, the flag
is already set in the relevant status register.
The SBC status information from the SPI status registers is transmitted in a compressed format with each SPI
response on SDO in the so-called Status Information Field register (see also Figure 40). The purpose of this
register is to quickly signal changes in the SPI status registers to the microcontroller. This means that the
microcontroller only needs to read registers which have changed.
Each bit in the Status Information Field represents a SPI status register (see Table 26). As soon as one bit is set
in one of the status registers, the corresponding bit in the Status Information Field register is set. Only the
most important registers are represented in the Status Information Field, e.g. the register WK_LVL_STAT is
not included.
For example if bit 0 in the Status Information Field is set to ‘1’, one or more bits of the register 100 0001
(SUP_STAT_0) are set to 1. Then this register needs to be read with a second SPI command. The bit in the
Status Information Field is set to 0 when all bits in the register 100 0001 have been reset to ‘0’.
Table 26
Status Information Field
Bit in Status
Information Field
Corresponding
Address Bit
Status Register Description
0
100 0001
SUP_STAT_0 - Supply Status: POR, VCC2 fail, VCC1 fail
1
100 0010
THERM_STAT - Thermal Protection Status
2
100 0011
DEV_STAT- Device Status: Mode before wake-up-
up/failure, WD Fail, SPI Fail, Failure
3
100 0100
BUS_STAT - Bus Failure Status: CAN;
4
100 0110
100 0111
WK_STAT_0, WK_STAT_1 - Wake Source Status;
Status bit is a combinational OR of both registers
5
100 0000
SUP_STAT_1: VS_UV, VCC1_WARN/OV
6
101 0100
GPIO_OC_STAT: GPIO over current
7
101 0101
GPIO_OL_STAT: GPIO open load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com