Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 40Page - Infineon Technologies AG TLE9461ES Datasheet HTML 41Page - Infineon Technologies AG TLE9461ES Datasheet HTML 42Page - Infineon Technologies AG TLE9461ES Datasheet HTML 43Page - Infineon Technologies AG TLE9461ES Datasheet HTML 44Page - Infineon Technologies AG TLE9461ES Datasheet HTML 45Page - Infineon Technologies AG TLE9461ES Datasheet HTML 46Page - Infineon Technologies AG TLE9461ES Datasheet HTML 47Page - Infineon Technologies AG TLE9461ES Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Voltage Regulator 1
Datasheet
44
Rev.1.1
2019-09-27
6
Voltage Regulator 1
6.1
Block Description
Figure 14 Module Block Diagram
Functional Features
• 5V low-dropout linear voltage regulator
• Undervoltage monitoring with adjustable reset level, VCC1 prewarning and VCC1 short circuit detection
(VRT1/2/3/4, VPW,f). Please refer to Chapter 12.5 and Chapter 12.6 for more information.
• Short circuit detection and switch Off with undervoltage fail threshold, device enters SBC Fail-Safe Mode
• ≥1µF ceramic capacitor at voltage output for stability, with ESR < 1Ω @ f = 10 kHz, to achieve the voltage
regulator control loop stability based on the safe phase margin (bode diagram).
•
Output current limit IVCC1,lim configurable via SPI up to IVCC1,lim_11.
GND
Overtemperature
Shutdown
1
Bandgap
Reference
VS
State
Machine
VCC1
INH
Vref
VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com