Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 49Page - Infineon Technologies AG TLE9461ES Datasheet HTML 50Page - Infineon Technologies AG TLE9461ES Datasheet HTML 51Page - Infineon Technologies AG TLE9461ES Datasheet HTML 52Page - Infineon Technologies AG TLE9461ES Datasheet HTML 53Page - Infineon Technologies AG TLE9461ES Datasheet HTML 54Page - Infineon Technologies AG TLE9461ES Datasheet HTML 55Page - Infineon Technologies AG TLE9461ES Datasheet HTML 56Page - Infineon Technologies AG TLE9461ES Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
High-Speed CAN FD Transceiver
Datasheet
53
Rev.1.1
2019-09-27
8
High-Speed CAN FD Transceiver
8.1
Block Description
Figure 18 Functional Block Diagram
8.2
Functional Description
The Controller Area Network (CAN) transceiver part of the SBC provides High-Speed (HS) differential mode
data transmission (up to 2Mbaud) and reception in automotive and industrial applications. It works as an
interface between the CAN protocol controller and the physical bus lines compatible to ISO 11898-2:2016 and
SAE J2284.
The CAN FD transceiver offers low-power modes to reduce current consumption. This supports networks with
partially powered down nodes. To support software diagnostic functions, a CAN Receive-only Mode is
implemented.
It is designed to provide excellent passive behavior when the transceiver is switched Off (mixed networks,
clamp 15/30 applications).
A wake-up from the CAN Wake Capable Mode is possible via a message on the bus. Thus, the microcontroller
can be powered down or idled and is woken up by the CAN bus activities.
The CAN transceiver is designed to withstand the severe conditions of automotive applications and to support
12V applications.
The transceiver can also be configured to Wake Capable in order to save current and to ensure a safe transition
from Normal to Sleep Mode (to avoid losing messages).
TXDCAN
Output
Stage
Driver
Temp.-
Protection
CANH
CANL
+
timeout
RXDCAN
Receiver
MUX
VCC1
SPI Mode
Control
To SPI diagnostic
VCAN
VCC1
RTD
Wake
Receiver
Vs
VCAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com