Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 94 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 94 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 90Page - Infineon Technologies AG TLE9461ES Datasheet HTML 91Page - Infineon Technologies AG TLE9461ES Datasheet HTML 92Page - Infineon Technologies AG TLE9461ES Datasheet HTML 93Page - Infineon Technologies AG TLE9461ES Datasheet HTML 94Page - Infineon Technologies AG TLE9461ES Datasheet HTML 95Page - Infineon Technologies AG TLE9461ES Datasheet HTML 96Page - Infineon Technologies AG TLE9461ES Datasheet HTML 97Page - Infineon Technologies AG TLE9461ES Datasheet HTML 98Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Supervision Functions
Datasheet
94
Rev.1.1
2019-09-27
VCC1 Short to GND Filter
Time
tVCC1,SC
1.6
2
2.4
ms
3)blanking time
during power-up,
short circuit
detection for VS ≥
VS,UV
P_13.9.32
Reset Generator; Pin RSTN
Reset Low Output Voltage
VRSTN,L
–0.2
0.4
V
IRSTN = 1 mA for
VCC1 ≥ 1 V &
VS ≥ VPOR,f
P_13.9.33
Reset High Output Voltage
VRSTN,H
0.8 x
VCC1
–
VCC1 +
0.3 V
V
IRSTN = -20 µA
P_13.9.34
Reset Pull-up Resistor
RRSTN
10
20
40
kΩ
VRSTN = 0 V
P_13.9.35
Reset Filter Time
tRF
410
26
µs
3)VCC1 < VRT1x
to RSTN = L see
also Chapter 12.3
P_13.9.36
Reset Delay Time (long)
tRD1
810
12
ms
2) 3)RSTN_DEL = ‘0’
(default value)
P_13.9.37
Reset Delay Time (reduced) tRD2
1.6
2
2.4
ms
2) 3)RSTN_DEL = ‘1’ P_13.9.70
VCC2 Monitoring
VCC2 Undervoltage
Threshold Voltage (falling)
VCC2,UV,f
4.5
–
4.75
V
VCC2 falling
P_13.9.38
VCC2 Undervoltage
Threshold Voltage (rising)
VCC2,UV,r
4.6
–
4.85
V
VCC2 rising
P_13.9.39
VCC2 Undervoltage detection
hysteresis
VCC2,UV,hys
70
150
250
mV
5)
P_13.9.40
VCC2 Undervoltage
Detection Filter Time
tVCC2,UV_F
510
14
us
3) rising and falling P_13.9.41
VCC2 UV Blanking Time
tVCC2,Blank
3.2
4
4.8
ms
3) after switching
On
P_13.9.42
VCAN Monitoring
CAN Supply undervoltage
detection threshold (falling)
VCAN_UV,f
4.5
–
4.75
V
VCAN falling
P_13.9.43
CAN Supply undervoltage
detection threshold (rising)
VCAN_UV,r
4.6
–
4.85
V
VCAN rising
P_13.9.44
VCAN Undervoltage detection
hysteresis
VCAN,UV,hys
70
150
250
mV
5)
P_13.9.45
VCAN UV detection Filter
Time
tVCAN,UV_F
4.2
10
14
µs
3) VCAN rising and
falling
P_13.9.46
Table 25
Electrical Characteristics (cont’d)
VS = 5.5 V to 28 V; Tj = -40°C to +150°C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com