Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 58Page - Infineon Technologies AG TLE9461ES Datasheet HTML 59Page - Infineon Technologies AG TLE9461ES Datasheet HTML 60Page - Infineon Technologies AG TLE9461ES Datasheet HTML 61Page - Infineon Technologies AG TLE9461ES Datasheet HTML 62Page - Infineon Technologies AG TLE9461ES Datasheet HTML 63Page - Infineon Technologies AG TLE9461ES Datasheet HTML 64Page - Infineon Technologies AG TLE9461ES Datasheet HTML 65Page - Infineon Technologies AG TLE9461ES Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
High-Speed CAN FD Transceiver
Datasheet
62
Rev.1.1
2019-09-27
Wake-up Time-out,
Recessive Bus
tWake2
0.8
–
10
ms
8)CAN Wake Capable
Mode
P_9.3.31
Wake-up reaction time
(WUP or WUF)
tWU_WUP/WUF –
–
100
µs
8)5)6) Wake-up reaction
time after a valid WUP
or WUF;
P_9.3.54
Loop delay
(recessive to dominant)
tLOOP,f
–
150
255
ns
2)CAN Normal Mode;
CL = 100pF;
RL = 60 Ω;
VCAN = 5V;
CRXDCAN = 15 pF
P_9.3.32
Loop delay
(dominant to recessive)
tLOOP,r
–
150
255
ns
2)CAN Normal Mode;
CL = 100pF;
RL = 60Ω;
VCAN = 5V;
CRXDCAN = 15 pF
P_9.3.33
Propagation Delay
TXDCAN Low to bus
dominant
td(L),T
–
90
140
ns
CAN Normal Mode;
CL = 100pF;
RL = 60 Ω;
VCAN = 5V
P_9.3.34
Propagation Delay
TXDCAN High to bus
recessive
td(H),T
–
100
140
ns
CAN Normal Mode;
CL = 100pF;
RL = 60 Ω;
VCAN = 5V
P_9.3.35
Propagation Delay
bus dominant to RXDCAN
Low
td(L),R
–
100
–
ns
CAN Normal Mode;
CL = 100pF;
RL = 60Ω;
VCAN = 5V;
CRXDCAN = 15 pF
P_9.3.36
Propagation Delay
bus recessive to RXDCAN
High
td(H),R
–
100
–
ns
CAN Normal Mode;
CL = 100pF;
RL = 60Ω;
VCAN = 5V;
CRXDCAN = 15 pF
P_9.3.37
Table 18
Electrical Characteristics (cont’d)
Tj = -40°C to +150°C; VS = 5.5 V to 28 V; VCAN = 4.75 V to 5.25 V; RL = 60 Ω; CAN Normal Mode; all voltages with
respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com