Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 12Page - Infineon Technologies AG TLE9461ES Datasheet HTML 13Page - Infineon Technologies AG TLE9461ES Datasheet HTML 14Page - Infineon Technologies AG TLE9461ES Datasheet HTML 15Page - Infineon Technologies AG TLE9461ES Datasheet HTML 16Page - Infineon Technologies AG TLE9461ES Datasheet HTML 17Page - Infineon Technologies AG TLE9461ES Datasheet HTML 18Page - Infineon Technologies AG TLE9461ES Datasheet HTML 19Page - Infineon Technologies AG TLE9461ES Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 140 page
background image
Datasheet
16
Rev.1.1
2019-09-27
TLE9461ES
Lite CAN SBC Family
General Product Characteristics
Current consumption for
VCC2 in SBC Sleep Mode
ISleep,VCC2,85 –30
40
µA
1)2)3)SBC Sleep Mode;
Tj = 85°C; VCC2 = On
(no load);
CAN, WK = Off
P_4.4.19
Current consumption for
GPIO if configured as low-
side / high-side in SBC Stop
Mode
IStop,GPIO,25 –
400
550
µA
2)3)SBC Stop Mode;
GPIO configured as HS
or LS with 100% duty
cycle (no load);
CAN, WK = Off
P_4.4.20
Current consumption for
GPIO if configured as low-
side / high-side in SBC Stop
Mode
IStop,GPIO,85 –
450
600
µA
2)3)SBC Stop Mode;
Tj = 85°C;
GPIO configured as HS
or LS with 100% duty
cycle (no load);
CAN, WK = Off
P_4.4.21
Current consumption for
Cyclic Sense function
IStop,CS25
–20
26
µA
3)6)7)SBC Stop Mode;
WD = Off;
P_4.4.22
Current consumption for
Cyclic Sense function
IStop,CS85
–24
35
µA
2)3)6)7)SBC Stop Mode;
Tj = 85°C;
WD = Off;
P_4.4.23
Current consumption for
watchdog active in Stop
Mode
IStop,WD25
–20
26
µA
2)SBC Stop Mode;
Watchdog running;
P_4.4.24
Current consumption for
watchdog active in Stop
Mode
IStop,WD85
–24
35
µA
2)SBC Stop Mode;
Tj = 85°C;
Watchdog running;
P_4.4.25
1) If the load current on VCC1 exceeds the configured VCC1 active peak threshold IVCC1,Ipeak1,r or IVCC1,Ipeak2,r, the current
consumption will increase by typ. 2.9mA to ensure optimum dynamic load behavior. Same applies to VCC2. See also
Chapter 6, Chapter 7.
2) Not subject to production test, specified by design.
3) Current consumption adders of the features defined for SBC Stop Mode also apply for SBC Sleep Mode and vice versa.
The wake input signals are stable (i.e. not toggling), Cyclic Wake/Sense & watchdog are Off (unless otherwise
specified).
4) No pull-up or pull-down configuration selected.
5) The specified WK current consumption adder for wake capability applies regardless of how many WK inputs are
activated, i.e GPIO configured as wake input.
Table 4
Current Consumption (cont’d)
Current consumption values are specified at Tj = 25°C, VS = 13.5 V, all outputs open (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com