Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 27Page - Infineon Technologies AG TLE9461ES Datasheet HTML 28Page - Infineon Technologies AG TLE9461ES Datasheet HTML 29Page - Infineon Technologies AG TLE9461ES Datasheet HTML 30Page - Infineon Technologies AG TLE9461ES Datasheet HTML 31Page - Infineon Technologies AG TLE9461ES Datasheet HTML 32Page - Infineon Technologies AG TLE9461ES Datasheet HTML 33Page - Infineon Technologies AG TLE9461ES Datasheet HTML 34Page - Infineon Technologies AG TLE9461ES Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
31
Rev.1.1
2019-09-27
5.1.8
Electrical Characteristics for Pin TEST
Table 9
Electrical Characteristics1)
VS = 5.5 V to 28 V; Tj = -40°C to +150°C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin
(unless otherwise specified)
1) The external capacitance on the TEST pin must be limited to less than 10nF to ensure proper detection of SBC
Development Mode and SBC User Mode operation.
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Pull-down Resistance at
pin TEST
RTEST
710
13
kΩ
2)VTEST = VCC1;
SBC Init Mode;
2) Not subject to production test, specified by design.
P_5.1.1
TEST Input Filter Time
tTEST
51
64
80
µs
3)
3) Not subject to production test, tolerance defined by internal oscillator tolerance.
P_5.1.2
TEST High Input Voltage
Threshold
VTEST,IH –
–
0.7 ×
VCC1
V
2)
P_5.1.3
TEST Low Input Voltage
Threshold
VITEST,IL 0.3 ×
VCC1
––
V
2)
P_5.1.4
TEST Hysteresis of Input
Voltage
VTEST,IHY 0.08 ×
VCC1
0.12 ×
VCC1
0.4 ×
VCC1
V
2)
P_5.1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com