Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 38Page - Infineon Technologies AG TLE9461ES Datasheet HTML 39Page - Infineon Technologies AG TLE9461ES Datasheet HTML 40Page - Infineon Technologies AG TLE9461ES Datasheet HTML 41Page - Infineon Technologies AG TLE9461ES Datasheet HTML 42Page - Infineon Technologies AG TLE9461ES Datasheet HTML 43Page - Infineon Technologies AG TLE9461ES Datasheet HTML 44Page - Infineon Technologies AG TLE9461ES Datasheet HTML 45Page - Infineon Technologies AG TLE9461ES Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
42
Rev.1.1
2019-09-27
5.4.3
Electrical Characteristics for Measurement Interface
Figure 13 Typical Drop Voltage Characteristics of switch S_MEAS (between WK/VSENSE & FO/GPIO)
Table 12
Electrical Characteristics
VS = 5.5 V to 28 V; Tj = -40°C to +150°C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Input leakage current
IWK_MEAS_LK -2
2
µA
0 V < VWK_IN <
VS + 0.3V
Same parameter as
P_10.3.5;
P_5.4.1
Drop Voltage across
S_MEASswitchbetween
WK/VSENSE and
FO/GPIO when enabled
for voltage
measurement;
VDrop,S_MEAS 40
160
250
mV
1)4V < VWK_IN <
VS + 0.3V;
IWK1 = 200µA;
Tj = 25°C
Refer to Figure 13
1) Not subject to production test; specified by design
P_5.4.2
0
50
100
150
200
250
300
350
400
450
500
-40
25
150
Tj - JUNCTION TEMPERATURE (°C)
50 mA
100 mA
250 mA
500 mA
VS = 13.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com