| Electronic Components Datasheet Search |
|
TLE9461ES Datasheet(PDF) 69 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE9461ES Datasheet(HTML) 69 Page - Infineon Technologies AG |
|
69 / 140 page ![]() TLE9461ES Lite CAN SBC Family High-Voltage Wake and Voltage Monitoring Input Datasheet 69 Rev.1.1 2019-09-27 9.2.3 Wake configuration for Cyclic Sense The wake input pin can also be used for cyclical sensing of monitoring signals during low-power modes. For this function the WK input performs a cyclic sensing of the voltage level during the On-time of the GPIO HS. A transition of the voltage level triggers a wake-up event. In order to enable this functionality the GPIO must be configured as HS to be controlled by the Timer. See also Chapter 5.2.1 and Chapter 11.1.2 for more details. 9.2.4 High-Voltage Sensing as Alternate Function This function provides the possibility to measure a voltage, e.g. the unbuffered battery voltage, with the protected WK HV-input pin. The measured voltage is routed out at FO/GPIO. If this function is enabled with the WK_MEAS then neither the FO (including the FO test via FO_ON), nor the GPIO functionality nor the WK functionality are available. If the measurement function is enabled then following items should be noted: • The internal pull-up / pull-down structures are disabled and the internal WK signal is gated (blocked) • The settings for WK in the registers WK_PUPD_CTRL and WK_CTRL_1 are ignored (but changing the settings is not prevented) • The wake capability and voltage monitoring of the WK pin is disabled, i.e. WK_STAT_0 and WK_LVL_STAT are not updated, i.e. the bits in WK_LVL_STAT are cleared • If WK is the only valid wake source then the SPI_FAIL flag is set when trying to enter SBC Sleep Mode (see also Chapter 5.1) and SBC Restart Mode is entered Please refer to Chapter 5.4 for more details on the functionality of the measurement unit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |