Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 99 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 99 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 95Page - Infineon Technologies AG TLE9461ES Datasheet HTML 96Page - Infineon Technologies AG TLE9461ES Datasheet HTML 97Page - Infineon Technologies AG TLE9461ES Datasheet HTML 98Page - Infineon Technologies AG TLE9461ES Datasheet HTML 99Page - Infineon Technologies AG TLE9461ES Datasheet HTML 100Page - Infineon Technologies AG TLE9461ES Datasheet HTML 101Page - Infineon Technologies AG TLE9461ES Datasheet HTML 102Page - Infineon Technologies AG TLE9461ES Datasheet HTML 103Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
99
Rev.1.1
2019-09-27
Note:
In order to read the SPI ERR flag properly, CLK must be Low when CSN is triggered, i.e. the ERR bit is
not valid if the CLK is High on a falling edge of CSN
The number of received SPI clocks is not 0, 16 or 32:
The number of received input clocks is supervised to be 0 or 16 clock cycles and the input word is discarded in
case of a mismatch (0 clock cycle to enable ERR signalization). The error logic also recognizes if CLK was High
during CSN edges. Both errors - 0 or 16 bit CLK mismatch or CLK High during CSN edges - are flagged in the
following SPI output by a “High” at the data output (SDO pin, bit ERR) before the first rising edge of the clock
is received. The complete SPI command is ignored in this case.
RSTN is Low and SPI frames are being sent at the same time:
The ERR flag is set when the RSTN pin is triggered (during SBC Restart) and SPI frames are being sent to the
SBC at the same time. The behavior of the ERR flag is signalized at the next SPI command for below conditions:
• if the command begins when RSTN is High and it ends when RSTN is Low,
• if a SPI command is sent while RSTN is Low,
• If a SPI command begins when RSTN is Low and it ends when RSTN is High.
and the SDO output behaves as follows:
• always when RSTN is Low then SDO is High,
• when a SPI command begins with RSTN is Low and ends when RSTN is High, then the SDO should be
ignored because wrong data is sent.
Note:
It is possible to quickly check for the ERR flag without sending any data bits. i.e. only the CSN is pulled
Low and SDO is observed - no SPI Clocks are sent in this case
Note:
The ERR flag could also be set after the SBC has entered SBC Fail-Safe Mode because the SPI
communication is stopped immediately.
13.3
SPI Programming
For the TLE9461ES, 7 bits are used or the address selection (BIT6...0). Bit 7 is used to decide between Read Only
and Read & Clear for the status bits, and between Write and Read Only for configuration bits. For the actual
configuration and status information, 8 data bits (BIT15...8) are used.
Writing, clearing and reading is done byte wise. The SPI status bits are not cleared automatically and must be
cleared by the microcontroller, e.g. if the TSD2 was set due to over temperature. Some of the configuration
bits will automatically be cleared by the SBC - please refer to the respective register descriptions for detailed
information. In SBC Restart Mode, the device ignores all SPI communication, i.e. it does not interpreted it.
There are two types of SPI registers:
• Control registers: These registers are used to configure the SBC, e.g. SBC mode, watchdog trigger, etc.
• Status registers: These registers indicate the status of the SBC, e.g. wake-up events, warnings, failures, etc.
For the status registers, the requested information is given in the same SPI command in the data out (SDO).
For the control registers, the status of each byte is shown in the same SPI command as well. However,
configuration changes of the same register are only shown in the next SPI command (configuration changes
inside the SBC become valid only after CSN changes from Low to High).
Writing of control registers is possible in SBC Init and Normal Mode. During SBC Stop Mode only the change to
SBC Normal Mode and triggering the watchdog is allowed as well as reading and clearing the status registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com