Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ES Datasheet(PDF) 68 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 68 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 64Page - Infineon Technologies AG TLE9461ES Datasheet HTML 65Page - Infineon Technologies AG TLE9461ES Datasheet HTML 66Page - Infineon Technologies AG TLE9461ES Datasheet HTML 67Page - Infineon Technologies AG TLE9461ES Datasheet HTML 68Page - Infineon Technologies AG TLE9461ES Datasheet HTML 69Page - Infineon Technologies AG TLE9461ES Datasheet HTML 70Page - Infineon Technologies AG TLE9461ES Datasheet HTML 71Page - Infineon Technologies AG TLE9461ES Datasheet HTML 72Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
High-Voltage Wake and Voltage Monitoring Input
Datasheet
68
Rev.1.1
2019-09-27
9.2.2
Wake Input Configuration
To ensure a defined and stable voltage levels at the internal comparator input it is possible to configure
integrated current sources via the SPI register WK_PUPD_CTRL. An example illustration for the automatic
switching configuration is shown in Figure 27.
Note:
If there is no pull-up or pull-down configured on the WK input, then the respective input should be
tied to GND or VS on board to avoid unintended floating of the pin and subsequent wake-up events.
Figure 27 Illustration for Pull-Up / Down Current Sources with Automatic Switching Configuration
Table 19
Pull-Up / Pull-Down Resistor
WKx_PUPD_
1
WKx_PUPD_
0
Current Sources Note
00
no current
source
WK input is floating if left open (default setting)
0
1
pull-down
WK input internally pulled to GND
1
0
pull-up
WK input internally pulled to internal 5V supply
1
1
Automatic
switching
If a High level is detected at the WK input the pull-up source
is activated, if Low level is detected the pull down is
activated.
IWK
IWKth_min
IWKth_max
VWKth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com