Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 129 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 129 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 125Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 126Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 127Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 128Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 129Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 130Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 131Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 132Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 199 page
background image
7.6.2.71 PRBS_STATUS_6 Register (Address = 0x620) [reset = 0x0]
PRBS_STATUS_6 is shown in Table 7-94.
Return to the Summary Table.
Table 7-94. PRBS_STATUS_6 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-13
RESERVED
R
3b000
Reserved
12
pkt_done
R
1b0
Set when all MAC packets w CRC are transmitted
1b0 = MAC packet transmission in progress
1b1 = MAC packets transmission completed
11
pkt_gen_busy
R
1b0
1 = Packet generator is in process 0 = Packet generator is not in
process
1b0 = Packet generator is not in process
1b1 = Packet generator is in process
10
prbs_pkt_ov
R
1b0
If set, packet counter reached overflow Overflow is cleared when
PRBS counters are cleared - done by setting bit #1 of prbs_status_6
1b0 = No overflow
1b1 = Packet counter overflow
9
prbs_byte_ov
R
1b0
If set, bytes counter reached overflow Overflow is cleared when
PRBS counters are cleared - done by setting bit #1of prbs_status_6
1b0 = No overflow
1b1 = byte counter overflow
8
prbs_lock
R
1b0
1 = PRBS checker is locked sync) on received byte stream 0 =
PRBS checker is not locked
1b0 = PRBS checker is not locked
1b1 = PRBS checker is locked sync) on received byte stream
7-0
prbs_err_cnt
R
8b00000000 Holds number of errored bits received by the PRBS checker Value in
this register is locked when write is done to bit[0] or bit[1] When
PRBS Count Mode set to zero, count stops on 0xFF Notes: Writing
bit 0 generates a lock signal for the PRBS counters. Writing bit 1
generates a lock and clear signal for the PRBS counters
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com